Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MJ-3502N Datasheet(PDF) 2 Page - CUI Devices

Part # MJ-3502N
Description  AUDIO JACK
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUID [CUI Devices]
Direct Link  https://www.cuidevices.com/
Logo CUID - CUI Devices

MJ-3502N Datasheet(HTML) 2 Page - CUI Devices

  MJ-3502N Datasheet HTML 1Page - CUI Devices MJ-3502N Datasheet HTML 2Page - CUI Devices MJ-3502N Datasheet HTML 3Page - CUI Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
CUI Devices
│ MODEL: MJ-3502N │ DESCRIPTION: AUDIO JACK
date 04/01/2020
│ page 2 of 3
cuidevices.com
MECHANICAL DRAWING
units: mm[inch]
tolerance: ±0.3 mm
Model No.
MJ-3502N
Schematic
PIN
1
sleeve
2
tip
3
tip switch
1.20.047
6.60.260
12.30.484
6.60.260
0.047
1.2
12.30.484
6.9 0.272
0.150
3.8
4.5 0.177
3
12
3
1.2X2.5
(3 PLCS)
12
0.197
7.0
4.0
0.276
0.531
0.157
5.0
13.5
6.0 0.236
(TYP)
0.299
7.6
1.2 0.047
(3 PLCS)
11.3 0.445
2.00.079
3.60.142
1
2
14
1
2
3
Ø3.5 MATING PLUG
MATERIAL
PLATING
terminal 1
brass
silver
terminal 2
phosphor bronze silver
terminal 3
brass
silver
barrel
brass
nickel
housing
POM (UL94V-0)
black
cover
PC (UL94V-2)
transparent
Recommended PCB Layout
Top View
Additional Resources: Product Page | 3D Model | PCB Footprint



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com