Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MS1330ECP-17 Datasheet(PDF) 1 Page - EMP-Centauri s.r.o.

Part # MS1330ECP-17
Description  Multiswitch 13in / 30out
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMP-CENTAURI [EMP-Centauri s.r.o.]
Direct Link  https://emp-centauri.cz/
Logo EMP-CENTAURI - EMP-Centauri s.r.o.

MS1330ECP-17 Datasheet(HTML) 1 Page - EMP-Centauri s.r.o.

  MS1330ECP-17 Datasheet HTML 1Page - EMP-Centauri s.r.o.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Multiswitch 13in / 30out
MS13/30ECP-17
Postal address: EMP-Centauri s.r.o. 5. kvetna 690 339 01 Klatovy Czech Republic
Management: Tel.: +420 376 323 813 Tel.: +420 603 497 419 E-mail:
info@emp-centauri.cz
Sales department: Tel.: +420 376 323 813 Tel.: +420 603 497 419 Tel.: +420 776 619 976 (EN) Tel.: +420 778 066 654 (CZ) E-
mail:
sales@emp-centauri.cz
Purchase department: E-mail:
purchase@emp-centauri.cz
Technical support: Tel.: +420 376 323 853 (during workhours) Hotline: +420 603 497 419 (available anytime) E-mail:
support@emp-centauri.cz Skype ID : live:.cid.624e3941fb5334d9
Product summary
DiSEqC multiswitch with external power supply, passive terr.
input
Brief description
13in/30out standalone multiswitch for distribution of 12 SAT IF
signals including passive terrestrial for up to 30 users.
The multiswitch is DC supplied from connected satellite
receivers, DC2.1 socket for external power is connected to all
satellite inputs.
Power supply PA12 2A is included in the package.
Technical data
Parameter
Condition
Value
Frequency range
LNB inputs
950-2150 MHz
Terr. input
40-862 MHz
Outputs
40-2150 MHz
Control
DiSEqC 1.0 (2.0) commands
Insertion loss
Sat.
5dB avg.
Terr.
30 dB avg.
Sat. inputs isolation
Between V/H polarisations 20 dB min
Between low/high bands
25 dB min
Between sat. systems
25 dB min
Maximum input level*
Sat.
105 dBµV avg
Terr.
105 dBµV avg
Maximum output level*
Sat.
100 dBµV avg
Terr.
75 dBµV avg
Current_consumption
From each receiver
100 mA (18 V)
Dimensions (w,d,h)
18.6 x 33.2 x 5.1 cm
Temperature range
-25 ~ +60 °C
Weight
1.83 kg


Similar Part No. - MS1330ECP-17

ManufacturerPart #DatasheetDescription
logo
EMP-Centauri s.r.o.
MS1330ECU-17 EMP-CENTAURI-MS1330ECU-17 Datasheet
228Kb / 1P
Multiswitch 13in / 30out
More results

Similar Description - MS1330ECP-17

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
USB2524 SMSC-USB2524 Datasheet
1Mb / 57P
USB MultiSwitch Hub
logo
Microchip Technology
USB2524 MICROCHIP-USB2524 Datasheet
943Kb / 58P
USB MultiSwitch Hub
07/14/15
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com