Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL6594ACRZ Datasheet(PDF) 4 Page - Intersil Corporation

Part # ISL6594ACRZ
Description  Advanced Synchronous Rectified Buck MOSFET Drivers with Protection Features
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6594ACRZ Datasheet(HTML) 4 Page - Intersil Corporation

  ISL6594ACRZ Datasheet HTML 1Page - Intersil Corporation ISL6594ACRZ Datasheet HTML 2Page - Intersil Corporation ISL6594ACRZ Datasheet HTML 3Page - Intersil Corporation ISL6594ACRZ Datasheet HTML 4Page - Intersil Corporation ISL6594ACRZ Datasheet HTML 5Page - Intersil Corporation ISL6594ACRZ Datasheet HTML 6Page - Intersil Corporation ISL6594ACRZ Datasheet HTML 7Page - Intersil Corporation ISL6594ACRZ Datasheet HTML 8Page - Intersil Corporation ISL6594ACRZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
4
FN9157.3
July 31, 2006
Absolute Maximum Ratings
Thermal Information
Supply Voltage (VCC) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .15V
Supply Voltage (PVCC) . . . . . . . . . . . . . . . . . . . . . . . . . VCC + 0.3V
BOOT Voltage (VBOOT). . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .36V
Input Voltage (VPWM) . . . . . . . . . . . . . . . . . . . . . . GND - 0.3V to 7V
UGATE. . . . . . . . . . . . . . . . . . . VPHASE - 0.3VDC to VBOOT + 0.3V
VPHASE - 3.5V (<100ns Pulse Width, 2µJ) to VBOOT + 0.3V
LGATE . . . . . . . . . . . . . . . . . . . . . . GND - 0.3VDC to VPVCC + 0.3V
GND - 5V (<100ns Pulse Width, 2µJ) to VPVCC + 0.3V
PHASE. . . . . . . . . . . . . . . GND - 0.3VDC to 15VDC (VPVCC = 12V)
GND - 8V (<400ns, 20µJ) to 30V (<200ns, VBOOT-GND<36V)
ESD Rating
Human Body Model . . . . . . . . . . . . . . . . . . . . Class I JEDEC STD
Recommended Operating Conditions
Ambient Temperature Range . . . . . . . . . . . . . . . . . . . . . 0°C to 85°C
Maximum Operating Junction Temperature . . . . . . . . . . . . . . 125°C
Supply Voltage, VCC . . . . . . . . . . . . . . . . . . . . . . . . . . . . 12V
±10%
Supply Voltage Range, PVCC . . . . . . . . . . . . . . . . 5V to 12V
±10%
Thermal Resistance
θJA (°C/W) θJC (°C/W)
SOIC Package (Note 1) . . . . . . . . . . . .
100
N/A
DFN Package (Notes 2, 3) . . . . . . . . . .
48
7
Maximum Junction Temperature (Plastic Package) . . . . . . . . 150°C
Maximum Storage Temperature Range . . . . . . . . . . . -65°C to 150°C
Maximum Lead Temperature (Soldering 10s) . . . . . . . . . . . . . 300°C
(SOIC - Lead Tips Only)
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTES:
1.
θ
JA is measured with the component mounted on a high effective thermal conductivity test board in free air.
2.
θ
JA is measured in free air with the component mounted on a high effective thermal conductivity test board with “direct attach” features. See
Tech Brief TB379.
3. For
θJC, the “case temp” location is the center of the exposed metal pad on the package underside.
Electrical Specifications
Recommended Operating Conditions, Unless Otherwise Noted.
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
VCC SUPPLY CURRENT
Bias Supply Current
IVCC
ISL6594A, fPWM = 300kHz, VVCC = 12V
-
8
-
mA
ISL6594B, fPWM = 300kHz, VVCC = 12V
-
4.5
-
mA
IVCC
ISL6594A, fPWM = 1MHz, VVCC = 12V
-
10.5
-
mA
ISL6594B, fPWM = 1MHz, VVCC = 12V
-
5
-
mA
Gate Drive Bias Current
IPVCC
ISL6594A, fPWM = 300kHz, VPVCC = 12V
-
4
-
mA
ISL6594B, fPWM = 300kHz, VPVCC = 12V
-
7.5
-
mA
IPVCC
(Note 4)
ISL6594A, fPWM = 1MHz, VPVCC = 12V
-
5
-
mA
ISL6594B, fPWM = 1MHz, VPVCC = 12V
-
8.5
-
mA
POWER-ON RESET AND ENABLE
VCC Rising Threshold
9.35
9.8
10.0
V
VCC Falling Threshold
7.35
7.6
8.0
V
PWM INPUT (See Timing Diagram on Page 6)
Input Current
IPWM
VPWM = 3.3V
-
505
-
µA
VPWM = 0V
-
-460
-
µA
PWM Rising Threshold (Note 4)
VCC = 12V
-
1.70
-
V
PWM Falling Threshold (Note 4)
VCC = 12V
-
1.30
-
V
Typical Three-State Shutdown Window
VCC = 12V
1.23
-
1.82
V
Three-State Lower Gate Falling Threshold
VCC = 12V
-
1.18
-
V
Three-State Lower Gate Rising Threshold
VCC = 12V
-
0.76
-
V
Three-State Upper Gate Rising Threshold
VCC = 12V
-
2.36
-
V
ISL6594A, ISL6594B



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com