Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MR-2501 Datasheet(PDF) 1 Page - CUI Devices

Part # MR-2501
Description  2.5 MM AUDIO JACK
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUID [CUI Devices]
Direct Link  https://www.cuidevices.com/
Logo CUID - CUI Devices

MR-2501 Datasheet(HTML) 1 Page - CUI Devices

  MR-2501 Datasheet HTML 1Page - CUI Devices MR-2501 Datasheet HTML 2Page - CUI Devices MR-2501 Datasheet HTML 3Page - CUI Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
date 10/18/2019
page 1 of 3
MODEL: MR-2501
│ DESCRIPTION: 2.5 MM AUDIO JACK
cuidevices.com
FEATURES
• 2.5 mm audio jack
• cable mount
• mono audio
SPECIFICATIONS
parameter
conditions/description
min
typ
max
units
contact resistance
between terminal and mating plug
50
mΩ
insulation resistance
at 500 Vdc
100
MΩ
voltage withstand
for 1 minute
500
Vac
insertion/withdrawal force
0.4
2
kg
operating temperature
-10
50
°C
life
3,000
cycles
flammability rating
UL94V-2 (PA only)
RoHS
yes
SOLDERABILITY
parameter
conditions/description
min
typ
max
units
hand soldering
for 2 seconds max
360
°C
Additional Resources: Product Page | 3D Model


Similar Part No. - MR-2501

ManufacturerPart #DatasheetDescription
logo
CUI INC
MR-2501 CUI-MR-2501 Datasheet
261Kb / 3P
2.5 MM AUDIO JACK
More results

Similar Description - MR-2501

ManufacturerPart #DatasheetDescription
logo
CUI INC
SJ1-4253X-SMT CUI-SJ1-4253X-SMT Datasheet
191Kb / 3P
2.5 MM AUDIO JACKS
SJ-252X-SMT CUI-SJ-252X-SMT Datasheet
168Kb / 3P
2.5 MM AUDIO JACKS
MR-2501 CUI-MR-2501 Datasheet
261Kb / 3P
2.5 MM AUDIO JACK
SJ1-253X-SMT CUI-SJ1-253X-SMT Datasheet
187Kb / 3P
2.5 MM AUDIO JACKS
SJ1-4251X CUI-SJ1-4251X Datasheet
159Kb / 3P
2.5 MM AUDIO JACKS
SJ1-4251 CUI-SJ1-4251 Datasheet
159Kb / 3P
2.5 MM AUDIO JACKS
MJ-2509N CUI-MJ-2509N_18 Datasheet
295Kb / 3P
2.5 MM AUDIO JACK
SJ1-4253X-SMT CUI-SJ1-4253X-SMT_18 Datasheet
441Kb / 4P
2.5 MM AUDIO JACKS
SJ-252X-SMT CUI-SJ-252X-SMT_18 Datasheet
449Kb / 4P
2.5 MM AUDIO JACKS
logo
CUI Devices
MJ-2509N CUID-MJ-2509N Datasheet
328Kb / 3P
2.5 MM AUDIO JACK
10/04/2019
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com