Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CPDVR5V0P-HF Datasheet(PDF) 3 Page - Comchip Technology

Part # CPDVR5V0P-HF
Description  Low Capacitance SMD ESD Protection Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CPDVR5V0P-HF Datasheet(HTML) 3 Page - Comchip Technology

  CPDVR5V0P-HF Datasheet HTML 1Page - Comchip Technology CPDVR5V0P-HF Datasheet HTML 2Page - Comchip Technology CPDVR5V0P-HF Datasheet HTML 3Page - Comchip Technology CPDVR5V0P-HF Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Reel Taping Specification
D1
D
W1
B
C
d
D
D2
D1
SYMBOL
(mm)
(inch)
2.142 ± 0.039
2.00 ± 0.10
1.50 + 0.10
54.40 ± 1.00
13.00 ± 1.00
4.00 ± 0.10
2.00 ± 0.10
178.00 ± 2.00
0.059 0.004
+
7.008 ± 0.079
0.512 ± 0.039
SYMBOL
(mm)
(inch)
0.
± 0.004
079
0.157 ± 0.004
0.079 ± 0.004
E
F
P
P0
P1
W
W1
1.75 ± 0.10
0.069 ± 0.004
3.50 ± 0.10
0.138 ± 0.004
0.66 ± 0.05
0.026 ± 0.002
0.66 ± 0.05
0.026 ± 0.002
9.50 ± 1.00
0.374 ± 0.039
8.00 0.30 /
+
–0.10
0.315 0.012 /
+
–0.004
WBFBP
-02C-A
WBFBP
-02C-A
A
1.15 ± 0.05
0.045 ± 0.002
D2
SMD ESD Protection Diode
Page 3
Comchip Technology CO., LTD.
REV:A
QW-JP056
Company reserves the right to improve product design , functions and reliability without notice.
C
E
P0
P1
F
P
A
d
Leader Tape
200±4 Empty Pockets
Components
Trailer Tape
100±4 Empty Pockets



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com