Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDCE421RGET Datasheet(PDF) 15 Page - Texas Instruments

Part # CDCE421RGET
Description  Fully Integrated Wide-Range, Low-Jitter, Crystal-Oscillator Clock Generator
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCE421RGET Datasheet(HTML) 15 Page - Texas Instruments

Back Button CDCE421RGET Datasheet HTML 11Page - Texas Instruments CDCE421RGET Datasheet HTML 12Page - Texas Instruments CDCE421RGET Datasheet HTML 13Page - Texas Instruments CDCE421RGET Datasheet HTML 14Page - Texas Instruments CDCE421RGET Datasheet HTML 15Page - Texas Instruments CDCE421RGET Datasheet HTML 16Page - Texas Instruments CDCE421RGET Datasheet HTML 17Page - Texas Instruments CDCE421RGET Datasheet HTML 18Page - Texas Instruments CDCE421RGET Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 30 page
background image
www.ti.com
JITTER CHARACTERISTICS IN INPUT CLOCK MODE
S0246-01
CDCE421
PhaseNoise
Analyzer
150 W
150 W
150 W
50 W
XIN1
XIN2
0.1 F
m
100pF
CDCE421
SCAS842 – APRIL 2007
The jitter characterization test is performed using an LVCMOS input signal driving a CDCE421 device packaged
in the QFN-24 package.
Figure 7. Jitter Test Configuration for an LVTTL Input Driving the CDCE421
Table 4. Measured Output Jitter
LVPECL (Typical Measured Output
LVDS (Typical Measured Output
Jitter), ps
Jitter), ps
Output
Input
JRMS (12
Dj (Deter-
JRMS (12
Dj (Deter-
Pre-
Tj (Total
Tj (Total
Frequency
Frequency
VCO
Divider
kHz to 20
ministic
kHz to 20
ministic
scaler
Jitter)
Jitter)
(MHz)
(MHz)
MHz)
Jitter)
MHz)
Jitter)
100
33.3333
1
5
4
0.507
35.33
11.54
0.552
41.86
21.4
106.25
35.4167
2
5
4
0.53
30.39
11
0.564
35.38
16.01
125
31.25
1
4
4
0.529
47.47
25.2
0.561
74.14
53.51
156.25
31.25
1
3
4
0.472
31.54
9.12
0.482
42.31
23.33
212.5
35.4167
2
5
2
0.512
33.96
13.78
0.523
58.45
37.84
250
31.25
1
4
2
0.42
36.98
18.52
0.525
87.5
67.35
312.5
31.25
1
3
2
0.378
29.82
11
0.45
66.44
47.49
370
30.8333
1
5
1
0.369
29.6
12.05
0.439
69.77
51.2
400
33.3333
1
5
1
0.377
28.1
11.48
0.501
69.75
51.87
708
35.4
2
3
1
0.438
31.65
14.84
1000
31.25
1
2
1
0.456
40.34
19.66
15
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com