Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDCL6010RGZRG4 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # CDCL6010RGZRG4
Description  1.8V, 11 Output Clock Multiplier, Distributor, Jitter Cleaner, and Buffer
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCL6010RGZRG4 Datasheet(HTML) 1 Page - Texas Instruments

  CDCL6010RGZRG4 Datasheet HTML 1Page - Texas Instruments CDCL6010RGZRG4 Datasheet HTML 2Page - Texas Instruments CDCL6010RGZRG4 Datasheet HTML 3Page - Texas Instruments CDCL6010RGZRG4 Datasheet HTML 4Page - Texas Instruments CDCL6010RGZRG4 Datasheet HTML 5Page - Texas Instruments CDCL6010RGZRG4 Datasheet HTML 6Page - Texas Instruments CDCL6010RGZRG4 Datasheet HTML 7Page - Texas Instruments CDCL6010RGZRG4 Datasheet HTML 8Page - Texas Instruments CDCL6010RGZRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
www.ti.com
FEATURES
APPLICATIONS
DIVIDER
DIVIDER
SDA/SCL
VCO
PLL
Differential
LVDSInput
30MHz 319MHz
-
1Bypass
CMLOutput
5Differential
CMLOutputs
15MHz 1.25GHz
-
5Differential
CMLOutputs
15MHz 1.25GHz
-
CDCL6010
SLLS780 – FEBRUARY 2007
1.8V, 11 Output Clock Multiplier, Distributor, Jitter Cleaner, and Buffer
• Meets ANSI TIA/EIA-644-A-2001 LVDS
Standard Requirements
• Single 1.8V Supply
• Integrated LC Oscillator Allows External
• High-Performance Clock Multiplier,
Bandwidth Adjustment
Distributor, Jitter Cleaner, and Buffer With 11
Outputs
• PLL Lock Indication
• Low Output Jitter: 400fs RMS
• Power Consumption: 640mW Typical
• Output Group Phase Adjustment
• Output Enable Control for Each Output
• Low-Voltage Differential Signaling (LVDS)
• SDA/SCL Device Management Interface
Input, 100
Ω Differential On-Chip Termination,
• 48-pin QFN (RGZ) Package
30MHz to 319MHz Frequency Range
• Industrial Temperature Range: –40°C to +85°C
• Differential Current Mode Logic (CML)
Outputs, 50
Ω Single-Ended On-Chip
Termination, 15MHz to 1.25GHz Frequency
• Low Jitter Clocking for High-Speed SERDES
Range
• Jitter Cleaning of SERDES Reference Clocks
• One Dedicated Differential CML Output,
for 1G/10G Ethernet, 1X/2X/4X/10X Fibre
Straight PLL and Frequency Divider Bypass
Channel, PCI Express, Serial ATA, SONET,
CPRI, OBSAI, etc.
• Two Groups of Five Outputs Each with
• Up to 1-to-11 Clock Buffering and Fan-out
Independent Frequency Division Ratios;
Optional PLL Bypass
• Fully Integrated Voltage Controlled Oscillator
(VCO); Supports Wide Output Frequency
Range
• Output Frequency Derived From VCO
Frequency with Divide Ratios of 1, 2, 4, 5, 8,
10, 16, 20, 32, 40, and 80
• Meets OBSAI RP1 v1.0 Standard and
CPRI v2.0 Requirements
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2007, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - CDCL6010RGZRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCL6010RGZRG4 TI-CDCL6010RGZRG4 Datasheet
582Kb / 24P
1.8V, 11 Output Clock Multiplier, Distributor, Jitter Cleaner, and Buffer
More results

Similar Description - CDCL6010RGZRG4

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS2059-02 ICST-ICS2059-02 Datasheet
210Kb / 11P
Clock Multiplier and Jitter Attenuator
Revision 031605
logo
Texas Instruments
CDCL6010 TI-CDCL6010 Datasheet
582Kb / 24P
1.8V, 11 Output Clock Multiplier, Distributor, Jitter Cleaner, and Buffer
CDCE72010 TI-CDCE72010 Datasheet
1Mb / 70P
Ten Output High Performance Clock Synchronizer, Jitter Cleaner, and Clock Distributor
CDCE72010 TI-CDCE72010_09 Datasheet
1Mb / 73P
Ten Output High Performance Clock Synchronizer, Jitter Cleaner, and Clock Distributor
LMK04100 TI1-LMK04100_14 Datasheet
1Mb / 52P
Family Clock Jitter Cleaner
LMK04906 TI1-LMK04906_15 Datasheet
1Mb / 113P
Ultra Low Noise Clock Jitter Cleaner/Multiplier
CDCS504-Q1 TI1-CDCS504-Q1 Datasheet
1Mb / 18P
Clock Buffer and Clock Multiplier
logo
Analog Devices
AD9523 AD-AD9523 Datasheet
1,011Kb / 60P
Jitter Cleaner and Clock Generator
9/15-Rev. C to Rev. D
AD9524 AD-AD9524_15 Datasheet
973Kb / 56P
Jitter Cleaner and Clock Generator
9/15-Rev. E to Rev. F
logo
Renesas Technology Corp
ICS2059-02 RENESAS-ICS2059-02 Datasheet
454Kb / 13P
CLOCK MULTIPLIER AND JITTER ATTENUAT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com