Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISG2046 Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # ISG2046
Description  Field Stop IGBT
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

ISG2046 Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  ISG2046 Datasheet HTML 1Page - Inchange Semiconductor Company Limited ISG2046 Datasheet HTML 2Page - Inchange Semiconductor Company Limited ISG2046 Datasheet HTML 3Page - Inchange Semiconductor Company Limited ISG2046 Datasheet HTML 4Page - Inchange Semiconductor Company Limited ISG2046 Datasheet HTML 5Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
ISG2046
eq FGHL40T120SWD
Field Stop IGBT
www.iscsemi.com
1
DESCRIPTION
· High Current Capability
· Low Switching Loss
· Positive Temperature Coefficient for Easy Parallel Operation
APPLICATIONS
·Boost and Inverter in Solar Applications
·TUPS
·Energy Storage System
ABSOLUTE MAXIMUM RATINGS
SYMBOL
PARAMETER
VALUE
UNIT
VCES
Collector-Emitter Voltage
1200
V
VGES
Gate-Emitter Voltage
±
20
V
IC
Collector Current-Continuous
@ TC=25℃
70
A
IC
Collector Current-Continuous
@ TC=100℃
40
A
ICM
Pulsed Collector Current@ TC=25℃
160
A
PD
Power Dissipation @TC=25℃
469
W
PD
Power Dissipation @TC=100℃
234
W
IF
Diode ForwardCurrent @TC=25℃
80
A
IF
Diode ForwardCurrent@TC=100℃
40
A
IFM
Pulsed Diode MaximumForward
Current
160
A
Tj
Operating Junction Temperature
-55~175
℃
Tstg
Storage Temperature Range
-55~175
℃


Similar Part No. - ISG2046

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
ISG2042 ISC-ISG2042 Datasheet
376Kb / 3P
Trench Field-Stop IGBT
ISG2044 ISC-ISG2044 Datasheet
366Kb / 3P
Field-Stop Trench IGBT
ISG2045 ISC-ISG2045 Datasheet
385Kb / 4P
NPT Trench IGBT
ISG2049 ISC-ISG2049 Datasheet
398Kb / 6P
Trench gate Field-Stop IGBT
More results

Similar Description - ISG2046

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
APT200GN60B2G MICROSEMI-APT200GN60B2G Datasheet
168Kb / 6P
Field Stop IGBT
logo
ON Semiconductor
NGTG15N120FL2WG ONSEMI-NGTG15N120FL2WG Datasheet
230Kb / 10P
IGBT - Field Stop II
May, 2014 ??Rev. 0
NGTB50N65FL2WG ONSEMI-NGTB50N65FL2WG_16 Datasheet
217Kb / 11P
IGBT - Field Stop II
September, 2016 ??Rev. 5
NGTB60N65FL2WG ONSEMI-NGTB60N65FL2WG Datasheet
109Kb / 8P
IGBT - Field Stop II
October, 2016 ??Rev. 1
NGTB30N120FL2WG ONSEMI-NGTB30N120FL2WG Datasheet
112Kb / 8P
IGBT - Field Stop II
July, 2015 ??Rev. 1
FGB40T65SP_F085 ONSEMI-FGB40T65SP_F085 Datasheet
946Kb / 11P
Field Stop Trench IGBT
November 2016 - Rev. 1.0
FGH40T65UQDF ONSEMI-FGH40T65UQDF Datasheet
1Mb / 11P
Field Stop Trench IGBT
December 2016 Rev. 1.0
logo
MagnaChip Semiconductor...
MBF15T65PEH MGCHIP-MBF15T65PEH Datasheet
649Kb / 8P
650V Field Stop IGBT
logo
ON Semiconductor
FGH75T65SHDTLN4 ONSEMI-FGH75T65SHDTLN4 Datasheet
465Kb / 9P
IGBT - Field Stop, Trench IGBT - Field Stop, Trench
November, 2019 ??Rev. P2
logo
Inchange Semiconductor ...
FGH60N60UFD ISC-FGH60N60UFD Datasheet
369Kb / 3P
Field Stop IGBT
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com