Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA2832 Datasheet(PDF) 9 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # OPA2832
Description  Triple, Low-Power, High-Speed, Fixed-Gain Operational Amplifier
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

OPA2832 Datasheet(HTML) 9 Page - Burr-Brown (TI)

Back Button OPA2832 Datasheet HTML 5Page - Burr-Brown (TI) OPA2832 Datasheet HTML 6Page - Burr-Brown (TI) OPA2832 Datasheet HTML 7Page - Burr-Brown (TI) OPA2832 Datasheet HTML 8Page - Burr-Brown (TI) OPA2832 Datasheet HTML 9Page - Burr-Brown (TI) OPA2832 Datasheet HTML 10Page - Burr-Brown (TI) OPA2832 Datasheet HTML 11Page - Burr-Brown (TI) OPA2832 Datasheet HTML 12Page - Burr-Brown (TI) OPA2832 Datasheet HTML 13Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
www.ti.com
TYPICAL CHARACTERISTICS: V
S = ±5V
3
0
-
3
-
6
-
9
-
12
-
15
Frequency(MHz)
1
10
100
400
V
O =0.2VPP
R =150
L
W
G= 1V/V
-
G=+2V/V
3
0
-
3
-
6
-
9
-
12
-
15
Frequency(MHz)
1
10
100
400
G=+2V/V
R =150
L
W
V =0.5V
O
PP
V =1V
O
PP
V =2V
O
PP
V =4V
O
PP
0.4
0.3
0.2
0.1
0
-
0.1
-
0.2
-
0.3
-
0.4
Time(10ns/div)
2.0
1.5
1.0
0.5
0
-
0.5
-
1.0
-
1.5
-
2.0
G=+2V/V
R =150
L
W
Large-SignalPulseResponse±1V
RightScale
Small-SignalPulse
Response±0.1V
LeftScale
0.4
0.3
0.2
0.1
0
-
0.1
-
0.2
-
0.3
-
0.4
Time(10ns/div)
2.0
1.5
1.0
0.5
0
-
0.5
-
1.0
-
1.5
-
2.0
G= 1V/V
-
R =150
L
W
Small-SignalPulse
Response±0.1V
LeftScale
Large-SignalPulseResponse±1V
RightScale
40
35
30
25
20
15
10
5
0
CapacitiveLoad(pF)
10
100
1k
1dBPeakingTargeted
3
0
-
3
-
6
-
9
-
12
-
15
Frequency(MHz)
1
10
100
400
C =1000pF
L
C =100pF
L
C =10pF
L
R
S
1/3
OPA3832
V
I
1kW
(1)
C
L
NOTE:(1)1k
isoptional.
W
OPA3832
SBOS370 – DECEMBER 2006
At T
A = +25°C, G = +2V/V, and RL = 150Ω to GND, unless otherwise noted.
SMALL-SIGNAL FREQUENCY RESPONSE
LARGE-SIGNAL FREQUENCY RESPONSE
Figure 1.
Figure 2.
NONINVERTING PULSE RESPONSE
INVERTING PULSE RESPONSE
Figure 3.
Figure 4.
REQUIRED RS vs CAPACITIVE LOAD
FREQUENCY RESPONSE vs CAPACITIVE LOAD
Figure 5.
Figure 6.
9
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com