Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PTH04T221WAS Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # PTH04T221WAS
Description  16-A, 2.2-V to 5.5-V INPUT, NON-ISOLATED, WIDE-OUTPUT, ADJUSTABLE POWER MODULE WITH TURBOTRANS
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PTH04T221WAS Datasheet(HTML) 21 Page - Texas Instruments

Back Button PTH04T221WAS Datasheet HTML 17Page - Texas Instruments PTH04T221WAS Datasheet HTML 18Page - Texas Instruments PTH04T221WAS Datasheet HTML 19Page - Texas Instruments PTH04T221WAS Datasheet HTML 20Page - Texas Instruments PTH04T221WAS Datasheet HTML 21Page - Texas Instruments PTH04T221WAS Datasheet HTML 22Page - Texas Instruments PTH04T221WAS Datasheet HTML 23Page - Texas Instruments PTH04T221WAS Datasheet HTML 24Page - Texas Instruments PTH04T221WAS Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 39 page
background image
www.ti.com
PTH04T220W
2
5
9
+
8
Auto
Track
GND
4
3
GND
GND
+Sense
6
L
O
A
D
−Sense
+
11
Inhibit/Prog
UVLO
10
7
−Sense
+Sense
1
Smart Sync
UDG−06073
TurboTrans
™
CO
1220
µF
Type B
RSET
1%
0.05 W
TurboTrans
VO
VO
VI
VI
CI
330
µF
(Required)
VOAdj
RTT
0
Ω
Without TurboTrans
(50 mV/div)
PTH04T220W
CO = 1220 µF
2.5 A/
µs
50% Load Step
With TurboTrans
(50 mV/div)
T − Time − 200
µs/div
PTH04T220W, PTH04T221W
SLTS275A – DECEMBER 2006 – REVISED FEBRUARY 2007
Figure 18. Typical TurboTrans™ Application
Figure 19. Typical TurboTrans™ Waveforms
21
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com