Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SLK2511BPZP Datasheet(PDF) 4 Page - Texas Instruments

Part # SLK2511BPZP
Description  OC-48/24/12/3 SONET/SDH MULTIRATE TRANSCEIVER
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SLK2511BPZP Datasheet(HTML) 4 Page - Texas Instruments

  SLK2511BPZP Datasheet HTML 1Page - Texas Instruments SLK2511BPZP Datasheet HTML 2Page - Texas Instruments SLK2511BPZP Datasheet HTML 3Page - Texas Instruments SLK2511BPZP Datasheet HTML 4Page - Texas Instruments SLK2511BPZP Datasheet HTML 5Page - Texas Instruments SLK2511BPZP Datasheet HTML 6Page - Texas Instruments SLK2511BPZP Datasheet HTML 7Page - Texas Instruments SLK2511BPZP Datasheet HTML 8Page - Texas Instruments SLK2511BPZP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
www.ti.com
SLK2511B
SLLS763B – JANUARY 2007 – REVISED MARCH 2007
Table 1. TERMINAL FUNCTIONS
TERMINAL
TYPE
DESCRIPTION
NAME
NO.
CLOCK PINS
REFCLKP,
94
LVDS/PECL
Differential reference input clock. There is an on-chip 100-
Ω termination resistor differentially
REFCLKN
95
compatible input
placed between REFCLKP and REFCLKN. The dc bias is also provided on-chip for ac-coupled
case.
RXCLKP,
67
LVDS output
Receive data clock. The data on RXDATA(0:3) is on the falling edges of RXCLKP. The interface of
RXCLKN
68
RXDATA(0:3) and RXCLKP is source synchronous (see Figure 7).
TXCLKP,
79
LVDS input
Transmit data clock. The data on TXDATA(0:3) is latched on the rising edge of TXCLKP.
TXCLKN
80
TXCLKSRCP,
70
LVDS output
Transmit clock source. A clock source generated from the SLK2511B to the downstream device
TXCLKSRCN
71
(i.e., framer) that could be used by the downstream device to transmit data back to the SLK2511B.
This clock is frequency-locked to the local reference clock.
SERIAL SIDE DATA PINS
SRXDIP,
14
PECL compatible
Receive differential pairs; high-speed serial inputs.
SRXDIN
15
input
STXDOP,
9
PECL compatible
Transmit differential pairs; high-speed serial outputs.
STXDON
8
input
PARALLEL SIDE DATA PINS
FSYNCP,
73
LVDS output
Frame sync pulse. This signal indicates the frame boundaries of the incoming data stream. If the
FSYNCN
74
frame-detect circuit is enabled, FSYNC pulses for four RXCLKP and RXCLKN clock cycles when it
detects the framing patterns.
RXDATA[0:3]
66–63,
LVDS output
Receive data pins. Parallel data on this bus is valid on the falling edge of RXCLKP (seeFigure 7 ).
P/N
60–57
RXDATA0 is the first bit received in time.
RXPARP,
56
LVDS output
Receive data parity output
RXPARN
55
TXDATA[0:3]
88–81
LVDS input
Transmit data pins. Parallel data on this bus is clocked on the rising edge of TXCLKP. TXDATA0 is
P/N
the first bit transmitted in time.
TXPARP,
99
LVDS input
Transmit data parity input
TXPARN
98
CONTROL/STATUS PINS
AUTO_DETECT
34
TTL input (with
Data rate autodetect enable. Enable the auto-detection function for different data rates. When
pulldown)
AUTO_DETECT is high, the autodetection circuit generates RATEOUT0 and RATEOUT1 to
indicate the data rates for the downstream device.
CONFIG0,
17
TTL input (with
Configuration pins. Put the device under one of the four operation modes: TX only, RX only,
CONFIG1
18
pulldown)
transceiver, or repeater mode. (See Table 4)
ENABLE
44
TTL input (with
Standby enable. When this pin is held low, the device is disabled for IDDQ testing. When high, the
pullup)
device operates normally.
FRAME_EN
27
TTL input (with
Frame sync enable. When this pin is asserted high, the frame synchronization circuit for byte
pullup)
alignment is turned on.
LCKREFN
24
TTL input (with
Lock to reference. When low, RXCLKP/N output is forced to lock to REFCLK. When high,
pullup)
RXCLKP/N is the divided down clock extracted from the receive serial data.
LLOOP
53
TTL input (with
Local loopback enable. When high, the serial output is internally looped back to its serial input.
pulldown)
LOL
45
TTL output
Loss of lock. When the clock recovery loop has locked to the input data stream and the phase
differs by less than 100 ppm from REFCLK then LOL is high. When the phase of the input data
stream differs by more than 100 ppm from REFCLK, then LOL is low. If the difference is too big (>
500 ppm), the LOL output is not valid.
LOOPTIME
51
TTL input (with
Loop timing mode. When high, the PLL for clock synthesizer is bypassed. The recovered clock
pulldown)
timing is used to send the transmit data.
LOS
46
TTL output
Loss of signal. When no transitions appear on the input data stream for more than 2.3
µs, a loss of
signal occurs and LOS goes high. The device also transmits all zeroes downstream using REFCLK
as its clock source. When a valid SONET signal received the LOS signal goes low.
PRBSEN
41
TTL input (with
PRBS testing enable. When this pin is asserted high, the device is put into the PRBS testing mode.
pulldown)
PRE1, PRE2
4 and 5
TTL input (with
Programmable de-emphasis control. Combinations of these two bits can be used to optimize serial
pulldown)
data transmission.
PS
21
TTL input (with
Polarity select. This pin, used with the SIGDET pin, sets the polarity of SIGDET. When high,
pulldown)
SIGDET is an active low signal. When low, SIGDET is an active high signal.
RATEOUT0,
37
TTL output
Autorate detection outputs. When AUTO_DETECT is high, the autodetection circuit generates
RATEOUT1
36
these two bits to indicate the data rates for the downstream device.
RESET
48
TTL input
TXFIFO and LOL reset pin. Low is reset and high is normal operation.
4
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com