Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SR2 Datasheet(PDF) 4 Page - CUI Devices

Part # SR2
Description  SIGNALRELAY
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUID [CUI Devices]
Direct Link  https://www.cuidevices.com/
Logo CUID - CUI Devices

SR2 Datasheet(HTML) 4 Page - CUI Devices

  SR2 Datasheet HTML 1Page - CUI Devices SR2 Datasheet HTML 2Page - CUI Devices SR2 Datasheet HTML 3Page - CUI Devices SR2 Datasheet HTML 4Page - CUI Devices SR2 Datasheet HTML 5Page - CUI Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
CUI DEVICES | SERIES: SR2 | DESCRIPTION: SIGNAL RELAY
date 10/27/2022 | page 4 of 5
cuidevices.com
CHARACTERISTIC CURVES
Coil Power (W)
Operate
Release
Coil Power (W)
Contact Voltage (V)
AC Resistive
DC Resistive
120 VAC Resistive
Contact Current (A)
Time Curve
Coil Temperature Rise
Life Curve
Maximum Switching Power
Additional Resources: Product Page



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com