Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPDIN-1256GD-BT Datasheet(PDF) 2 Page - Tycon Systems, Inc.

Part # TPDIN-1256GD-BT
Description  TPDIN® DCDC PoE Injector
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TYCONSYSTEMS [Tycon Systems, Inc.]
Direct Link  https://www.tyconsystems.com/
Logo TYCONSYSTEMS - Tycon Systems, Inc.

TPDIN-1256GD-BT Datasheet(HTML) 2 Page - Tycon Systems, Inc.

  TPDIN-1256GD-BT Datasheet HTML 1Page - Tycon Systems, Inc. TPDIN-1256GD-BT Datasheet HTML 2Page - Tycon Systems, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
TPDIN-1256GD-BT
TPDIN-1256GD-BT Spec Rev 1 13-Apr-21
Specifications Subject to Change Without Notice
Page 2
Ordering:
TPDIN-1256GD-BT
TPDIN® DCDC 11-60VDC IN, 802.3bt 90W Out, Gigabit PoE Injector
For further information contact:
Ripple & Noise
1%
Efficiency
>90% at 34-60VDC Input ; >86% at 11-33VDC Input
Protections
Short Circuit, Reverse Voltage
Over Current Protection
802.3bt Class 8 (96.6W)
Low Voltage Detect (LVD)
Device with stop drawing all current when input voltage drops below 8~9VDC
Misc Protections
Short Circuit, Reverse Voltage
Data PassThrough
10/100/1000/5000Mbps ; Gigabit
Data Protection
Pin to Pin (1-2, 3-6, 4-5, 7-8)
Clamp Voltage: 3.3V
ESD, IEC61000-4-2: +/- 30KV contact and air
EFT, IEC61000-4-4: 40A (5/50us)
Lightning, IEC61000-4-5: 15A (8/20us)
Connections
Removable Wire Terminal
Wire Size
12AWG Max
LED Function
Green Power LED = Input Power is OK
RJ45 Green LED = 802.3bt negotiation and output is OK
Mounting
DIN Rail
Operating Temperature
-40C to +70C (-40F to 158F)
Humidity (RH)
5% - 90% Non-Condensing
Dimensions (LxWxD)
125 x 66 x 102 m
m (4.9” x 2.6” x 4”)
Weight
0.6kg (1.30lb)
Warranty
3 Years
Tyconsystems.com
TPDIN-Monitor-WEB carries a 2 year warranty
TPDIN-Monitor-WEB carries a 2 year warranty
14641 S 800 W Ste A
Bluffdale, UT 84065
PH: 801-432-0003
FAX: 801-618-4220



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com