Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WMB-HD Datasheet(PDF) 1 Page - Tycon Systems, Inc.

Part # WMB-HD
Description  Heavy Duty Wall Mount Bracket
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TYCONSYSTEMS [Tycon Systems, Inc.]
Direct Link  https://www.tyconsystems.com/
Logo TYCONSYSTEMS - Tycon Systems, Inc.

WMB-HD Datasheet(HTML) 1 Page - Tycon Systems, Inc.

  WMB-HD Datasheet HTML 1Page - Tycon Systems, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
WMB-HD Spec Rev 3 30-Jan-18
Specifications Subject to Change Without Notice
Heavy Duty Wall Mount Bracket
Features
• 1.5" Diameter x 5.5" Mounting Surface
• 8" Standoff From Wall or Pole
• Heavy Zinc Plated Steel
Applications
• Antenna Mounting
• Surveillance Cameras
• Wireless Radio Mounting
• Lighting Applications
Description
The WMB-HD wall mount bracket provides a 1.5" diameter by 5.5" long pole to mount all kinds of pole mount radio
equipment, antennas, camera equipment and misc equipment to a wall. It provides an 8" standoff from a wall or pole.
Can be attached to a wall with screws or to a pole with screws or hose clamps.
Specifications
Ordering:
WMB-HD
1.5" diameter Heavy Duty Wall Mount Bracket
For further information contact:
WMB-HD
Material
0.078" Thick Zinc Plated Steel
Minimum Plating Thickness
0.0005" Zinc Plating
Customer Mounting Surface
1.5" diameter x 5.5" tall
Standoff From Wall
8"
Weight
1 lb
Notes:
•
All shipments F.O.B. Draper, UT 84020
•
Tycon Wireless® WMB-HD carry a 3 year limited warranty
Tyconsystems.com
DATA SHEET
WMB-HD
14641 S 800 W Ste A
Bluffdale, UT 84065
PH: 801-432-0003
FAX: 801-618-4220
WMB-HD


Similar Part No. - WMB-HD

ManufacturerPart #DatasheetDescription
logo
Multicomp Pro
WMB-1 MULTICOMP-WMB-1 Datasheet
437Kb / 1P
Self-Adhesive Wire Marker
29/08/22 V1.0
WMB-2-0 MULTICOMP-WMB-2-0 Datasheet
437Kb / 1P
Self-Adhesive Wire Marker
29/08/22 V1.0
WMB-2-1 MULTICOMP-WMB-2-1 Datasheet
437Kb / 1P
Self-Adhesive Wire Marker
29/08/22 V1.0
WMB-2-10 MULTICOMP-WMB-2-10 Datasheet
437Kb / 1P
Self-Adhesive Wire Marker
29/08/22 V1.0
WMB-2-11 MULTICOMP-WMB-2-11 Datasheet
437Kb / 1P
Self-Adhesive Wire Marker
29/08/22 V1.0
More results

Similar Description - WMB-HD

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
SRW12UHD TRIPPLITE-SRW12UHD Datasheet
547Kb / 2P
SmartRack 12U Heavy-Duty Side-Mount Wall-Mount Rack Enclosure Cabinet
logo
Bud Industries, Inc.
HWB-1790 BUD-HWB-1790 Datasheet
42Kb / 1P
HINGED WALL MOUNT BRACKET
logo
Laird Tech Smart Techno...
SA9-120-13 LSTD-SA9-120-13 Datasheet
638Kb / 1P
Heavy-duty stainless steel scissor bracket
logo
Taoglas antenna solutio...
G24.A.305111 TAOGLAS-G24.A.305111 Datasheet
839Kb / 21P
Heavy duty screw mount
MA140.A.LB.001 TAOGLAS-MA140.A.LB.001 Datasheet
3Mb / 23P
Heavy duty screw mount
A.30.A.301111 TAOGLAS-A.30.A.301111 Datasheet
900Kb / 12P
heavy duty screw mount
A.40.A.301111 TAOGLAS-A.40.A.301111 Datasheet
560Kb / 13P
heavy duty screw mount
logo
Maxtena Inc.
MMB-01-10-W MAXTENA-MMB-01-10-W Datasheet
2Mb / 2P
Wall mount Bracket
REV A
MMB-01-11-P MAXTENA-MMB-01-11-P Datasheet
671Kb / 2P
Wall mount Bracket
REV A
MMB-01-12-P MAXTENA-MMB-01-12-P Datasheet
773Kb / 2P
Wall mount Bracket
REV A
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com