Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R3000 Datasheet(PDF) 3 Page - QuWireless

Part # R3000
Description  INTEGRATED MULTI-BAND 5G DIRECTIONAL ANTENNA WI-FI 6E OMNI ANTENNA GPS ANTENNA POE SPLITTER PLACE TO INSTALL ROBUSTEL R3000 (ALL-IN-ONE)
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QUWIRELESS [QuWireless]
Direct Link  https://quwireless.com/
Logo QUWIRELESS - QuWireless

R3000 Datasheet(HTML) 3 Page - QuWireless

  R3000 Datasheet HTML 1Page - QuWireless R3000 Datasheet HTML 2Page - QuWireless R3000 Datasheet HTML 3Page - QuWireless R3000 Datasheet HTML 4Page - QuWireless R3000 Datasheet HTML 5Page - QuWireless R3000 Datasheet HTML 6Page - QuWireless R3000 Datasheet HTML 7Page - QuWireless R3000 Datasheet HTML 8Page - QuWireless R3000 Datasheet HTML 9Page - QuWireless Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
WI-FI ANTENNA SPECIFICATION
FREQUENCY
2.4 - 2.5 GHz
5.0 - 7.2 GHz
GAIN
2.4 - 2.5 GHz: 6dBi
5 GHz: 7.5dBi
7 GHz: 7.5dBi
VSWR
< 1.50, max < 2.00
BEAMWIDTH
360°/25°
POLARIZATION
Vertical
IMPEDANCE
50
Ω
MECHANICAL SPECIFICATION
MATERIALS
ABS, aluminum, PTFE, fiberglass
CONNECTOR TYPE
RJ45
INGRESS PROTECTION
IP67
DIMENSIONS
26.9 x 26.95 x 17.7 cm
10.6 x 10.6 x 7 inch
WEIGHT
2.8 kg
6.17 lbs
OPERATING TEMPERATURE
From -40°C to 80°C
From -40°F to 176°F
DATASHEET / QuMax for Robustel R3000
VERSION / 2.07
WWW.QUWIRELESS.COM
PAGE / 3
Copyright © 2023, Wireless Instruments. Specifications and information given in this document are subject to change without prior notice.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com