Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

053-032 Datasheet(PDF) 1 Page - Deep Sea Electronics

Part # 053-032
Description  DSENET® OUTPUT EXPANSION MODULE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DSE [Deep Sea Electronics]
Direct Link  https://www.deepseaelectronics.com
Logo DSE - Deep Sea Electronics

053-032 Datasheet(HTML) 1 Page - Deep Sea Electronics

  053-032 Datasheet HTML 1Page - Deep Sea Electronics 053-032 Datasheet HTML 2Page - Deep Sea Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
dse2548
DSENET® OUTPUT EXPANSION MODULE
dse
Genset
®
The DSE2548 is an LED expansion
module that can be used with all
DSENet® compatible control
modules. The module has been
designed to display a maximum of
eight individual LED indications up
to a maximum distance of 1 KM
(0.6miles).
The DSE2548 is presented in a
vertical enclosure. It includes an
alarm sounder that is triggered
when the host controller detects an
alarm condition. The alarm can be
muted directly from the DSE2548
using the front push button.
The DSE2548 includes individual
LEDs for each channel and a
‘Power On’ LED that flashes when
the link with the host controller is
lost.
ENVIRONMENTAL TESTING STANDARDS
ELECTRO-MAGNETIC COMPATIBILITY
BS EN 61000-6-2
EMC Generic Immunity Standard for
the Industrial Environment
BS EN 61000-6-4
EMC Generic Emission Standard for
the Industrial Environment
ELECTRICAL SAFETY
BS EN 60950
Safety of Information Technology Equipment,
including Electrical Business Equipment
TEMPERATURE
BS EN 60068-2-1
Ab/Ae Cold Test -30
oC
BS EN 60068-2-2
Bb/Be Dry Heat +70
oC
VIBRATION
BS EN 60068-2-6
Ten sweeps in each of three
major axes
5 Hz to 8 Hz @ +/-7.5 mm,
8 Hz to 500 Hz @ 2 gn
HUMIDITY
BS EN 60068-2-30
Db Damp Heat Cyclic 20/55
oC
@ 95% RH 48 Hours
BS EN 60068-2-78
Cab Damp Heat Static 40
oC
@ 93% RH 48 Hours
SHOCK
BS EN 60068-2-27
Three shocks in each of three major axes
15 gn in 11 mS
DEGREES OF PROTECTION
PROVIDED BY ENCLOSURES
BS EN 60529
IP65 - Front of module when installed into the
control panel with the supplied sealing gasket.
HOST MODULE (1)
1
ISSUE 3
DSENET
®
EXPANSION
DC POWER
SUPPLY 8-35V
COMPREHENSIVE FEATURE LIST TO SUIT A WIDE VARIETY
OF GEN-SET APPLICATIONS
7
OTHER
DSE2548
CONFIGURABLE LEDS
AUDIBLE ALARM
8
DSENET
®
2157
2130
2510/20
2548
COMPATIBLE WITH DSE7310/20, DSE8610/60/80 & DSE8710/60
HOST MODULE


Similar Part No. - 053-032

ManufacturerPart #DatasheetDescription
logo
Deep Sea Electronics
053-033 DSE-053-033 Datasheet
169Kb / 2P
DSENET INPUT EXPANSION MODULE
053-034 DSE-053-034 Datasheet
180Kb / 2P
DSENET OUTPUT EXPANSION MODULE
More results

Similar Description - 053-032

ManufacturerPart #DatasheetDescription
logo
JDS Uniphase Corporatio...
NEM-4134 JDSU-NEM-4134 Datasheet
148Kb / 3P
Network Expansion Module
logo
Advantech Co., Ltd.
BAS-3018 ADVANTECH-BAS-3018 Datasheet
531Kb / 1P
8-ch UI Expansion Module
logo
List of Unclassifed Man...
VL-EPM-V4 ETC2-VL-EPM-V4 Datasheet
682Kb / 2P
PC/104-Plus Video Expansion Module
EPM-VID-3 ETC2-EPM-VID-3 Datasheet
376Kb / 2P
PC/104-Plus Video Expansion Module
logo
PHOENIX CONTACT
2885236 PHOENIX-2885236 Datasheet
117Kb / 3P
Digital expansion module with 2 digital outputs for output of pulses and frequencies
logo
Moxa Inc.
DA-UPCI-DK MOXA-DA-UPCI-DK Datasheet
664Kb / 2P
Expansion module with a universal PCI expansion slot
logo
Advantech Co., Ltd.
I-MODULE ADVANTECH-I-MODULE Datasheet
1Mb / 3P
Expansion Module for MIC-7000 Series
11-Apr-2018
logo
Schneider Electric
XPSMCMMX0802 SCHNEIDER-XPSMCMMX0802 Datasheet
216Kb / 7P
8 inputs 2 output pairs expansion module with screw term
Sep 19, 2021
logo
Advantech Co., Ltd.
AMAX-5400E ADVANTECH-AMAX-5400E Datasheet
543Kb / 1P
PCIe mini card expansion module
20-Jul-2020
logo
NHP Electrical Engineer...
1762-OF4 NHP-1762-OF4 Datasheet
522Kb / 1P
MicroLogix Expansion 4-Channel Analog Output Module, Voltage/Current
6 June 2023,
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com