Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

055-044 Datasheet(PDF) 2 Page - Deep Sea Electronics

Part # 055-044
Description  REMOTE SYNC LOCK CONTROLLER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DSE [Deep Sea Electronics]
Direct Link  https://www.deepseaelectronics.com
Logo DSE - Deep Sea Electronics

055-044 Datasheet(HTML) 2 Page - Deep Sea Electronics

  055-044 Datasheet HTML 1Page - Deep Sea Electronics 055-044 Datasheet HTML 2Page - Deep Sea Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
DEEP SEA ELECTRONICS PLC UK
Highfield House, Hunmanby Industrial Estate, Hunmanby YO14 0PH
TELEPHONE +44 (0) 1723 890099 FACSIMILE +44 (0) 1723 893303
EMAIL sales@deepseaplc.com WEBSITE www.deepseaplc.com
DEEP SEA ELECTRONICS INC USA
3230 Williams Avenue, Rockford, IL 61101-2668 USA
TELEPHONE +1 (815) 316 8706 FACSIMILE +1 (815) 316 8708
EMAIL sales@deepseausa.com WEBSITE www.deepseausa.com
055-085/11/10 (3)
KEY BENEFITS
• Provides a user-friendly zero-
sync/phase locking solution, ideal
for temporary generator
installations, including forward
and backward synchronising with
the mains (utility)
• No-break removal and return of
mains (utility) fuses
• Interface provides application
flexibility where access is limited
TYPICAL APPLICATIONS
• Generator hire
• Local sub-station maintenance,
service and repairs
• Emergency power provision
• Temporary power solutions
RELATED MATERIALS
TITLE
PART NO’S
DSE7570 Installation Instructions
053-083
DSE7570 Operator Manual
057-132
DSE7510 Data Sheet
055-065
DSE123 Data Sheet
055-044
DSE8610 Data Sheet
055-083
SPECIFICATION
DC SUPPLY
CONTINUOUS VOLTAGE RATING
8 V to 35 V Continuous
CRANKING DROPOUTS
Able to survive 0 V for 50 mS, providing
supply was at least 10 V before dropout and
supply recovers to 5 V. This is achieved
without the need for internal batteries.
LEDs and backlight will not be maintained
during cranking.
MAXIMUM OPERATING CURRENT
150 mA at 12 V, 80 mA at 24 V
MAXIMUM STANDBY CURRENT
50 mA at 12 V, 30 mA at 24 V
MAINS (UTILITY)
VOLTAGE RANGE
15 V - 333 V AC (L-N)
FREQUENCY RANGE
3.5 Hz to 75 Hz
GENERATOR
VOLTAGE RANGE
15 V - 333 V AC (L-N)
FREQUENCY RANGE
3.5 Hz to 75 Hz
DIMENSIONS
SYNC LOCK CASE
406 mm x 330 mm x 174 mm
(16.0" x 13.0" x 6.9")
INTERFACE BOX
(To be ordered separately)
122 mm x 120 mm x 55 mm
(4.8” x 4.7” x 2.2”)
SYNC LOCK INTERFACE EXTENSION
CABLE (NOT AVAILABLE FROM DSE)
3 pair twisted individually screened cable
Maximum 200 m (666 ft)
OPERATING TEMPERATURE RANGE
-30
°Cto+70°C
STORAGE TEMPERATURE RANGE
-40
°Cto+80°C
dse7570
SYNC LOCK CONTROLLER
®
dse
Genset
FEATURES
Registered in England & Wales No.01319649
VAT No.316923457
Deep Sea Electronics Plc maintains a policy of continuous development and reserves the right to change
the details shown on this data sheet without prior notice. The contents are intended for guidance only.
INTERFACE BOX*
DSE7510/DSE8610
GENERATOR CONTROLLER
DSE7570
SYNC LOCK
GENERATOR SENSING
CONTROL CABLE
(1.5m supplied)
customer extension possible
*Connections from interface box to
DSE7510 / DSE8610 controller supplied
(1.5m)
MAINS (UTILITY) SENSING



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com