Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M643 Datasheet(PDF) 3 Page - Deep Sea Electronics

Part # M643
Description  PROGRAMMABLE CONTROLLER FOR USE IN VEHICLES AND OFF-HIGHWAY MACHINERY
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DSE [Deep Sea Electronics]
Direct Link  https://www.deepseaelectronics.com
Logo DSE - Deep Sea Electronics

M643 Datasheet(HTML) 3 Page - Deep Sea Electronics

  M643 Datasheet HTML 1Page - Deep Sea Electronics M643 Datasheet HTML 2Page - Deep Sea Electronics M643 Datasheet HTML 3Page - Deep Sea Electronics M643 Datasheet HTML 4Page - Deep Sea Electronics M643 Datasheet HTML 5Page - Deep Sea Electronics M643 Datasheet HTML 6Page - Deep Sea Electronics M643 Datasheet HTML 7Page - Deep Sea Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Analogue Current Inputs
Connector C
Current measurement direction
Current sink only
Pin 7, 8, 17, 18, 19, 20,
29, 30
Current measurement ranges
0 mA to 20 mA
4 mA to 20 mA
Current measurement resolution
12 bits
Current measurement accuracy
±1% FSD
Current measurement input sink resistance
100
Ω ±1%
Current measurement sampling rate
1 kHz
FSD = Full Scale Deflection
Analogue Resistive Inputs
Connector C
Resistance measurement range
0
Ω to 3400 Ω
Pin 7, 8, 17, 18, 19, 20,
29, 30
Resistance measurement source voltage
12 V maximum
Resistance measurement current
1 mA
Resistance measurement resolution
12 bits
Resistance measurement accuracy
±1% FSD
Resistance measurement sampling rate
1 kHz
FSD = Full Scale Deflection
Analogue Ratiometric Inputs
Connector C
Voltage ratiometric measurement voltage range
Pin 7, 8, 17, 18, 19, 20,
29, 30
Voltage ratiometric measurement Vref
Supply / Vref
Voltage ratiometric measurement
Ratio of input pin to supply
voltage
Voltage ratiometric measurement accuracy
±1% FSD
FSD = Full Scale Deflection
DSEControl®
DSEM643
Frequency Inputs
Connector C
Frequency range
5 Hz to 30 kHz
Pin 6, 9, 14, 15, 16, 22,
28, 31
Resolution
100 Hz at maximum
frequency
Accuracy
400 Hz at Maximum
frequency
Maximum space voltage
< 2 V
Minimum mark voltage
> 6 V
Phase Inputs
Connector C
Frequency range
5 Hz to 30 kHz
Pin 6, 9, 14, 15, 16, 22,
28, 31
Resolution
1 degree
Accuracy
1 degree
Maximum space voltage
< 2 V
Minimum mark voltage
> 6 V
Pulse Counter Inputs
Connector C
Frequency range
5 Hz to 30 kHz
Pin 6, 9, 14, 15, 16, 22,
28, 31
Resolution
1 count
Maximum count
224 (15777215)
Direction
Up / down
055–236/07/21 (6)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com