Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320DM647ZUT900 Datasheet(PDF) 28 Page - Texas Instruments

Part # TMS320DM647ZUT900
Description  Digital Media Processor
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320DM647ZUT900 Datasheet(HTML) 28 Page - Texas Instruments

Back Button TMS320DM647ZUT900 Datasheet HTML 24Page - Texas Instruments TMS320DM647ZUT900 Datasheet HTML 25Page - Texas Instruments TMS320DM647ZUT900 Datasheet HTML 26Page - Texas Instruments TMS320DM647ZUT900 Datasheet HTML 27Page - Texas Instruments TMS320DM647ZUT900 Datasheet HTML 28Page - Texas Instruments TMS320DM647ZUT900 Datasheet HTML 29Page - Texas Instruments TMS320DM647ZUT900 Datasheet HTML 30Page - Texas Instruments TMS320DM647ZUT900 Datasheet HTML 31Page - Texas Instruments TMS320DM647ZUT900 Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 166 page
background image
www.ti.com
TMS320DM647/TMS320DM648
Digital Media Processor
SPRS372 – MAY 2007
Table 2-4. TERMINAL FUNCTIONS (continued)
TERMINAL NAME
NO
TYPE
INTERNAL
OPER
DESCRIPTION
PULLUP/
VOLT
PULLDOWN
AECLKINSEL/AEA17
G4
I/O/Z
IPD
3.3 V
Select EMIFA external clock (I) (The EMIFA input clock AECLKIN
or SYSCLK4 is selected at reset via the pullup/pulldown resistor
on this pin. Note: AECLKIN is the default for the EMIFA input
clock.)
or EMIFA external address 17 (word address) (O/Z)
Table 2-5. TERMINAL FUNCTIONS (GROUND and POWER SUPPLY)
TERMINAL NAME
NO
TYPE
INTERNAL
OPER VOLT
DESCRIPTION
PULLUP/PULLD
OWN
VSS
A1
Ground
VSS
A5
Ground
VSS
A15
Ground
VSS
A18
Ground
VSS
A23
Ground
VSS
C4
Ground
VSS
D9
Ground
VSS
D12
Ground
VSS
D20
Ground
VSS
E6
Ground
VSS
E23
Ground
VSS
F7
Ground
VSS
F15
Ground
VSS
F17
Ground
VSS
F19
Ground
VSS
G8
Ground
VSS
G10
Ground
VSS
G12
Ground
VSS
G14
Ground
VSS
G16
Ground
VSS
G18
Ground
VSS
G22
Ground
VSS
H1
Ground
VSS
H11
Ground
VSS
H13
Ground
VSS
H15
Ground
VSS
H17
Ground
VSS
J8
Ground
VSS
J10
Ground
VSS
J12
Ground
VSS
J14
Ground
VSS
J16
Ground
VSS
K7
Ground
VSS
K9
Ground
VSS
K11
Ground
VSS
K13
Ground
VSS
K15
Ground
Device Overview
28
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com