Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCD7230PWPR Datasheet(PDF) 4 Page - Texas Instruments

Part # UCD7230PWPR
Description  Digital Control Compatible Synchronous Buck Gate Drivers with Current Sense Conditioning Amplifier
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCD7230PWPR Datasheet(HTML) 4 Page - Texas Instruments

  UCD7230PWPR Datasheet HTML 1Page - Texas Instruments UCD7230PWPR Datasheet HTML 2Page - Texas Instruments UCD7230PWPR Datasheet HTML 3Page - Texas Instruments UCD7230PWPR Datasheet HTML 4Page - Texas Instruments UCD7230PWPR Datasheet HTML 5Page - Texas Instruments UCD7230PWPR Datasheet HTML 6Page - Texas Instruments UCD7230PWPR Datasheet HTML 7Page - Texas Instruments UCD7230PWPR Datasheet HTML 8Page - Texas Instruments UCD7230PWPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 33 page
background image
www.ti.com
CONNECTION DIAGRAMS
UCD7230
(HTSSOP)
UCD7230
(QFN -
RGW)
(5x5, 0.65)
17
16
15
14
13
12
4
5
6
7
8
9
3V3
AGND
DLY
I0
A0
OUT1
PVDD
OUT2
11
10
POS
PGND
ILIM
NEG
CLF
BST
18
3
IN
SW
4
2
3
10
15
14
13
12
3V3
AGND
DLY
ILIM
OUT1
BST
PVDD
19
18
17
16
1
7
8
9
SW
11 OUT2
6
5
CLF
20
2
1
19
20
SRE
VDD
CSBIAS
CS+
UCD7230
SLUS741C – NOVEMBER 2006 – REVISED MARCH 2007
ORDERING INFORMATION(1)(2)
PACKAGED DEVICES
TEMPERATURE RANGE
PowerPAD™ HTSSOP-20 (PWP)
QFN-20 (RGW)
-40°C to + 125°C
UCD7230PWP
UCD7230RGW
(1)
These products are packaged in Pb-Free and green lead finish of Pd-Ni-Au which is compatible with MSL level 1 at 255-260°C peak
reflow temperature to be compatible with either lead free or Sn/Pb soldering operations.
(2)
HTSSOP-20 (PWP), and QFN-20 (RGW) packages are available taped and reeled. Add R suffix to device type (e.g. UCD7230PWPR) to
order quantities of 2,000 devices per reel for the PWP package and 1,000 devices per reel for the RGW packages.
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com