Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CV3-2000 Datasheet(PDF) 1 Page - LEM

Part # CV3-2000
Description  Voltage Transducer
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEM [LEM]
Direct Link  http://www.lem.co.jp/HQ/en
Logo LEM - LEM

CV3-2000 Datasheet(HTML) 1 Page - LEM

  CV3-2000 Datasheet HTML 1Page - LEM CV3-2000 Datasheet HTML 2Page - LEM  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Voltage Transducer CV 3-2000
For the electronic measurement of voltages : DC, AC, pulsed...,
with a galvanic isolation between the primary circuit (high voltage)
and the secondary circuit (electronic circuit).
Electrical data
V
PN
Primary nominal r.m.s. voltage
1400
V
V
P
Primary voltage, measuring range
0 .. ± 2000
V
V
S
Secondary analog voltage @ V
P max
10
V
K
N
Conversion ratio
2000 V / 10 V
R
L
Load resistance
≥ 1
k
Ω
C
L
Capacitive loading
≤ 5
nF
V
C
Supply voltage (± 5 %)
± 15
V
I
C
Current consumption
32 + V
S / R L
mA
V
d
R.m.s. voltage for AC isolation test, 50 Hz, 1 mn
6
kV
V
e
R.m.s. voltage for partial discharge extinction @ 10 pC
2
kV
Accuracy - Dynamic performance data
Typ
Max
X
G
Overall accuracy @ V
P max
T
A = 25°C
± 0.2
%
- 40°C .. + 85°C
± 0.6
%
V
O
Offset voltage @ V
P = 0
T
A = 25°C
± 5.0
mV
- 40°C .. + 85°C
± 13.0
mV
t
r
Response time 1) @ 90 % of V
P max
0.4
µs
dv/dt
dv/dt accurately followed
900
V/µs
f
Frequency bandwidth (- 1 dB) @ 25 % of V
PN
DC .. 300
kHz
General data
T
A
Ambient operating temperature
- 40 .. + 85
°C
T
S
Ambient storage temperature
- 45 .. + 90
°C
P
Total primary power loss
3.1
W
R
1
Primary resistance
640
k
Ω
m
Mass
560
g
Standards 2)
EN 50155
Notes : 1) With a dv/dt of 900 V/µs
2) A list of corresponding tests is available
Features
• Closed loop (compensated) voltage
transducer
• Insulated plastic case recognized
according to UL 94-V0
• Patent pending.
Advantages
• Excellent accuracy
• Very good linearity
• Low thermal drift
• Low response time
• High bandwidth
• High immunity to external
interference
• Low disturbance in common mode.
Applications
• AC variable speed drives and servo
motor drives
• Static converters for DC motor drives
• Uninterruptible Power Supplies
(UPS)
• Power supplies for welding
applications
• Railway overhead line voltage
measurement.
V
PN
=
1400 V
030129/8
LEM Components
www.lem.com


Similar Part No. - CV3-2000

ManufacturerPart #DatasheetDescription
logo
PREMO CORPORATION S.L
CV3-200 PREMO-CV3-200 Datasheet
220Kb / 2P
SMPS High Isolation (2500V min) Current Transformer
More results

Similar Description - CV3-2000

ManufacturerPart #DatasheetDescription
logo
LEM
LV25P LEM-LV25P Datasheet
69Kb / 2P
VOLTAGE TRANSDUCER
AV100-2000 LEM-AV100-2000 Datasheet
51Kb / 2P
Voltage Transducer
CV3-500 LEM-CV3-500 Datasheet
40Kb / 2P
Voltage Transducer
CV3-1000 LEM-CV3-1000 Datasheet
716Kb / 3P
Voltage Transducer
LV100-300 LEM-LV100-300_03 Datasheet
42Kb / 2P
Voltage Transducer
LV100-3000 LEM-LV100-3000_03 Datasheet
66Kb / 2P
Voltage Transducer
LV100 LEM-LV100_03 Datasheet
56Kb / 2P
Voltage Transducer
LV100-100 LEM-LV100-100_03 Datasheet
58Kb / 2P
Voltage Transducer
LV20-P LEM-LV20-P Datasheet
45Kb / 2P
Voltage Transducer
LV25-P LEM-LV25-P_12 Datasheet
207Kb / 3P
Voltage Transducer
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com