Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DCVT1000 Datasheet(PDF) 1 Page - LEM

Part # DCVT1000
Description  Voltage Transducer
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEM [LEM]
Direct Link  http://www.lem.co.jp/HQ/en
Logo LEM - LEM

DCVT1000 Datasheet(HTML) 1 Page - LEM

  DCVT1000 Datasheet HTML 1Page - LEM DCVT1000 Datasheet HTML 2Page - LEM  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
All Data are given with a R
L = 10 kΩ
Electrical data
V
PN
Primary nominal voltage
1000
V DC
V
Pmax
Primary voltage measuring range
56 .. 1400
V DC
V
P
Not measurable overload
3000 (1s/h)
V
DC
R
P
Primary input resistance
appr. 97.5
M
Ω
R
L
Load impedance
10
k
Ω
V
OUT
Output voltage 1)
V
OUT = a x VP - b
V
a = 0.01 ± 0.5
%
b = 0.3 ± 0.1
I
C
Current consumption
appr. 1
mA/kV
V
d
R.m.s. voltage for AC isolation test, 50 Hz,1 min
5.5
kV
V
e
R.m.s. voltage for partial discharge
extinction @ 10pC
2.2
kV
Accuracy-Dynamic performance data
X
G
Overall Accuracy @ V
PN, TA = +25°C
±1.5
%
X
G
Overall Accuracy @ V
PN, TA = -15 .. +70°C
±3.5
%
ε
L
Linearity @ T
A = 25°C
< ±0.5
%
t
r
Response time @ 10% of V
PN
< 100
µs
General data
T
A
Ambient operating temperature
-15 .. +70
°C
T
S
Ambient storage temperature
-25 .. +85
°C
dCp
Creepage distance
> 10
mm
dCl
Clearance distance
none
CTI
Comparative tracking index (Group )
600
V
UL94 classification
V0
Potting material
Polyurethane resin, UL94 V0
m
Mass
appr. 400
g
This is customer specific model.
Utilization restricted to agreed specifications.
Notes : 1) See graphical presentation of transfer function overleaf.
Voltage Transducer DCVT 1000/SP1
For the electronic measurement of DC voltages with a galvanic
isolation between the primary circuit (high voltage) and the secondary
circuit (electronic circuit).
V
PN
= 1000 V
041005/0
Features
• Self-Powered
• Insulated plastic case recognized
according to UL 94-V0
• Included primary resistor
Advantages
• Low power consumption
• Very good linearity
• Low thermal drift
• High immunity to external
interference
• Low disturbance in common mode
Applications
• Static converters for DC motor drives
LEM Components
www.lem.com
Preliminary
• Battery supplied applications
• Uninterruptible Power Supplies
(UPS)
• DC voltage monitoring


Similar Part No. - DCVT1000

ManufacturerPart #DatasheetDescription
logo
LEM
DCVT-25V10 LEM-DCVT-25V10 Datasheet
74Kb / 2P
Voltage Transducer DCVT-25V10
More results

Similar Description - DCVT1000

ManufacturerPart #DatasheetDescription
logo
LEM
LV25P LEM-LV25P Datasheet
69Kb / 2P
VOLTAGE TRANSDUCER
AV100-2000 LEM-AV100-2000 Datasheet
51Kb / 2P
Voltage Transducer
CV3-500 LEM-CV3-500 Datasheet
40Kb / 2P
Voltage Transducer
CV3-1000 LEM-CV3-1000 Datasheet
716Kb / 3P
Voltage Transducer
LV100-300 LEM-LV100-300_03 Datasheet
42Kb / 2P
Voltage Transducer
LV100-3000 LEM-LV100-3000_03 Datasheet
66Kb / 2P
Voltage Transducer
LV100 LEM-LV100_03 Datasheet
56Kb / 2P
Voltage Transducer
LV100-100 LEM-LV100-100_03 Datasheet
58Kb / 2P
Voltage Transducer
LV20-P LEM-LV20-P Datasheet
45Kb / 2P
Voltage Transducer
LV25-P LEM-LV25-P_12 Datasheet
207Kb / 3P
Voltage Transducer
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com