Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST6G3237TBR Datasheet(PDF) 9 Page - STMicroelectronics

Part # ST6G3237TBR
Description  Dual supply level translator for SD/ MINISD / T-FLASH
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST6G3237TBR Datasheet(HTML) 9 Page - STMicroelectronics

Back Button ST6G3237TBR Datasheet HTML 5Page - STMicroelectronics ST6G3237TBR Datasheet HTML 6Page - STMicroelectronics ST6G3237TBR Datasheet HTML 7Page - STMicroelectronics ST6G3237TBR Datasheet HTML 8Page - STMicroelectronics ST6G3237TBR Datasheet HTML 9Page - STMicroelectronics ST6G3237TBR Datasheet HTML 10Page - STMicroelectronics ST6G3237TBR Datasheet HTML 11Page - STMicroelectronics ST6G3237TBR Datasheet HTML 12Page - STMicroelectronics ST6G3237TBR Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
ST6G3237
Electrical characteristics
9/17
4.2
AC electrical characteristics
Table 7.
AC electrical characteristics f = 1MHz, 50% duty cycle, CL = 30pF, RL = 500Ω
Symbol
Parameter
Test condition TA = -40 to 85 °C
Unit
VCCA=1.8 ± 0.15V VCCA=1.8 ± 0.15V VCCA=2.5 ± 0.2V
VCCB=2.5 ± 0.2V
VCCB=3.0 ± 0.3V VCCB=3.0 ± 0.3V
Min.
Max.
Min.
Max.
Min.
Max.
tPLH tPHL
Propagation delay time A to B
(CMD)
1.0
3.7
1.0
3.8
1.0
3.6
ns
Propagation delay time B to A
(CMD)
1.0
3.6
1.0
3.9
1.0
3.6
Propagation delay time A to B
(CLK)
1.0
3.2
1.0
3.4
1.0
3.2
Propagation delay time B to A
(CLK-f)
1.0
7.6
1.0
7.7
1.0
7.5
Propagation delay time An to Bn
(DATn)
1.0
6.2
1.0
6.2
1.0
6.2
Propagation delay time Bn to An
(DATn)
1.0
5.3
1.0
5.3
1.0
5.3
tPZL tPZH
Output enable time from An to Bn
1.0
2.9
1.0
3.0
1.0
2.9
ns
Output enable time from Bn to An
1.0
4.3
1.0
4.5
1.0
4.2
tPLZ tPHZ
Output disable time from An to
Bn
1.0
7.8
1.0
8
1.0
7.8
ns
Output disable time from Bn to
An
1.0
5.4
1.0
5.5
1.0
5.3
tOSLH
tOSHL
Output to output skew time (note
1,2)
0.5
0.5
0.5
ns
tCDLH
tCDHL
Clock and data skew time
0.5
0.5
0.5
ns
fmax
Clock
From A to B
52
52
52
MHz
From B to A
52
52
52
Data
From A to B
52
52
52
Mbps
From B to A
52
52
52



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com