Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1622608 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1622608
Description  PV-FT-CF-C-4-400-BU - Device connector front mounting
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1622608 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1622608 Datasheet HTML 1Page - PHOENIX CONTACT 1622608 Datasheet HTML 2Page - PHOENIX CONTACT 1622608 Datasheet HTML 3Page - PHOENIX CONTACT 1622608 Datasheet HTML 4Page - PHOENIX CONTACT 1622608 Datasheet HTML 5Page - PHOENIX CONTACT 1622608 Datasheet HTML 6Page - PHOENIX CONTACT 1622608 Datasheet HTML 7Page - PHOENIX CONTACT 1622608 Datasheet HTML 8Page - PHOENIX CONTACT 1622608 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Please be informed that the data shown in this PDF document is generated from our online catalog. Please find the complete data in the user
documentation. Our general terms of use for downloads are valid.
Device connector front mounting, Range of articles: SUNCLIX, housing material: PPE, color:
black, min. conductor cross section: 4 mm2, Connection method: Crimp, Contact connection
type: Socket, cable length: 400000
Commercial data
Item number
1622608
Packing unit
1 pc
Minimum order quantity
50 pc
Sales key
AB02
Product key
ABLBAA
GTIN
4055626049601
Weight per piece (including packing)
24.24 g
Weight per piece (excluding packing)
24.24 g
Customs tariff number
85359000
Country of origin
DE
PV-FT-CF-C-4-400-BU - Device connector front
mounting
1622608
https://www.phoenixcontact.com/us/products/1622608
Jan 16, 2024, 4:30 AM
Page 1 (10)


Similar Part No. - 1622608

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1622607 PHOENIX-1622607 Datasheet
385Kb / 10P
PV-FT-CM-C-4-400-RD - Device connector front mounting
More results

Similar Description - 1622608

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1621847 PHOENIX-1621847 Datasheet
72Kb / 2P
Photovoltaic connector - PV-FT-CF-C-6-500-BK
1623071 PHOENIX-1623071 Datasheet
58Kb / 2P
Photovoltaic connector - PV-FT-CF-C-2,5-170-BU-FE
1705995 PHOENIX-1705995 Datasheet
76Kb / 3P
Photovoltaic connector - PV-FT-CF-C-2,5-300-BU
1805135 PHOENIX-1805135 Datasheet
75Kb / 3P
Photovoltaic connector - PV-FT-CF-C-2,5-130-BU
1805151 PHOENIX-1805151 Datasheet
75Kb / 3P
Photovoltaic connector - PV-FT-CF-C-4-130-BU
1805177 PHOENIX-1805177 Datasheet
75Kb / 3P
Photovoltaic connector - PV-FT-CF-C-6-130-BU
1592490 PHOENIX-1592490 Datasheet
59Kb / 3P
Device connector, front mounting - PV-08P1N126100
1592499 PHOENIX-1592499 Datasheet
61Kb / 3P
Device connector, front mounting - PV-14P1N126100
1806024 PHOENIX-1806024 Datasheet
77Kb / 3P
Photovoltaic connector - PV-FT-CF-C-6-350-BK
11/04/2018
1622661 PHOENIX-1622661 Datasheet
320Kb / 10P
Photovoltaic connector - PV-CF-C-HSG
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com