Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HM8 Datasheet(PDF) 2 Page - Zemic Europe B.V.

Part # HM8
Description  Type HM8 Load Cell
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZEMIC [Zemic Europe B.V.]
Direct Link  https://www.zemiceurope.com/en
Logo ZEMIC - Zemic Europe B.V.

HM8 Datasheet(HTML) 2 Page - Zemic Europe B.V.

  HM8 Datasheet HTML 1Page - Zemic Europe B.V. HM8 Datasheet HTML 2Page - Zemic Europe B.V. HM8 Datasheet HTML 3Page - Zemic Europe B.V. HM8 Datasheet HTML 4Page - Zemic Europe B.V.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Type HM8 Load Cell
Specifications and dimensions are subject to change without notice and do not constitute any liability whatsoever.
Zemic Europe B.V.
T: +31 76 50 39480
Nr. 2023.01 HM8 Rev9
info@zemic.nl
Page 2/4
www.zemiceurope.com
Technical Specifications HM8
Accuracy Class
C3
OIML R60 C3
Output Sensitivity ( = FS )
mV/V
2.0 ± 0.002
Maximum Capacity ( Emax )
t
1, 2, 3, 30
5, 10, 15, 20, 25
Max. Number of Load Cell Intervals
nLC
3000
Ratio of min. LC Verification Interval
Y = Emax / vmin
10000
15000
Combined Error
%FS
≤± 0.020
Creep Error (30 minutes)
%FS
≤± 0.016
Temperature Effect on Zero (ZTC)
%FS/10°C
≤± 0.015
Temperature Effect on Sensitivity (STC)
%FS/10°C
≤± 0.011
Zero Balance
%FS
≤± 1.0
Safe Overload
%FS
150
Ultimate Overload
%FS
300
Excitation, Recommended Voltage
V
5 ~ 12
Excitation, Maximum Voltage
V
18
Input Resistance
Ω
400 ± 10
Output Resistance
Ω
351 ± 3.0
Insulation Resistance (50V)
MΩ
≥5000 ( at 50VDC )
Compensated Temperature
°C
-10 ~+40
Operating Temperature
°C
-35 ~ +65
Storage Temperature
°C
-40 ~ +70
Load Cell Weight
kg
1t – 3t:
~2.4
5t:
4.3
10-15t:
9.1
20t-25t:
~12.3
30t:
26.1
Element Material
Nickel Plated Alloy Steel
Ingress Protection (acc. to EN 60529)
IP68
Recommended Torque on Fixation Bolts
Nm
M12: 75 M14:120 M20:450 M27:1075 M33:1975
ATEX Classification (optional)
II 1G Ex ia IIC T4 Ga
II 1D Ex ia IIIC T 200 135°C Da
II 3G Ex ic IIC T4 Gc
Wiring
Features:
Cable type:
Shielded, 6 conductor cable , conductor AWG 24
Cable diameter: Ø 6.2mm
Cable length:
6.5m
Cable jacket:
PVC
Shield not connected to element
6-Wire Connection Diagram
Input(+)
Sense (+)
Output(-)
Sense (-)
Input (-)
Output(+)
Red
Brown
White
Black
Yellow
Blue



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com