Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B3867 Datasheet(PDF) 3 Page - EPCOS

Part # B3867
Description  300,0 MHz Low-Loss Filter
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B3867 Datasheet(HTML) 3 Page - EPCOS

  B3867 Datasheet HTML 1Page - EPCOS B3867 Datasheet HTML 2Page - EPCOS B3867 Datasheet HTML 3Page - EPCOS B3867 Datasheet HTML 4Page - EPCOS B3867 Datasheet HTML 5Page - EPCOS B3867 Datasheet HTML 6Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
Nov 09, 2004
SAW Components
B3867
300,0 MHz
Low-Loss Filter
Data Sheet
Characteristics
Operating temperature:
TA = -30 ... +70 ˚C
Terminating source impedance:
ZS = 50 Ω and matching network
Terminating load impedance:
ZL = 50 Ω and matching network
min.
typ.
max.
Center frequency
fC
299,910
300,015
300,090 MHz
(center between 3dB points)
Minimum insertion attenuation
α
min
—
18,0
19,0
dB
(including matching network)
Passband width1)
1) all bandwidths are centered at fc
α
rel ≤ 3 dB
B3,0dB
3,3
3,35
—
MHz
α
rel ≤ 40 dB
B40dB
—
4,75
4,8
MHz
Absolute group delay (at
fC)
τ
—
1,75
1,8
µs
Amplitude ripple (p-p)
∆α
fC ± 1,2 MHz
—
0,8
1,1
dB
Group delay ripple (p-p)
∆τ
fC ± 1,6 MHz
—
125
200
ns
Phase ripple (p-p)
∆ϕ
fC ± 1,6 MHz
—
5
10
˚
Return loss (Input and Output)
fC ± 1,6 MHz
10
12
—
dB
Triple Transit Suppression
37
38
—
dB
Relative attenuation (relative to
α
min)
2)
2) apart from two peaks at or around
fC + 21 MHz with typically 45 dB attenuation
α
rel
fC ± 6 MHz ... fC ±40 MHz
45
50
—
dB
Temperature coefficient of frequency3)
3) Temperature dependance of fc:fc(TA) = fc(T0)(1 + TCf(TA – T0)2)
TCf
—
– 0,036
—
ppm/K2
Turnover temperature
T0
—20—
˚C



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com