Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B4133 Datasheet(PDF) 3 Page - EPCOS

Part # B4133
Description  Low-Loss Filter for Mobile Communication
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B4133 Datasheet(HTML) 3 Page - EPCOS

  B4133 Datasheet HTML 1Page - EPCOS B4133 Datasheet HTML 2Page - EPCOS B4133 Datasheet HTML 3Page - EPCOS B4133 Datasheet HTML 4Page - EPCOS B4133 Datasheet HTML 5Page - EPCOS B4133 Datasheet HTML 6Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
Mar 10, 2000
SAW Components
B4133
1842,5 MHz
Low-Loss Filter for Mobile Communication
Data Sheet
Characteristics
Operating Temperature Range:
T
= +25 +- 2˚C
Terminating source impedance:
ZS = 50 Ω (unbalanced)
Terminating load impedance:
ZL = 50 Ω || 1 pF (balanced)
Matching network to 50
Ω load with C
L =1 pF
min.
typ.
max.
Center frequency
fC
—
1842,5
—
MHz
Maximum insertion attenuation
α
max
1805,0
... 1880,0
MHz
—
3,1
3,8
dB
Amplitude ripple (p-p)
∆α
1805,0
... 1880,0
MHz
—
0,8
1,8
dB
Attenuation
α
0,0
... 1160,0
MHz
37
42
—
dB
1160,0
... 1430,0
MHz
30
45
—
dB
1430,0
... 1705,0
MHz
20
24
—
dB
1705,0
... 1785,0
MHz
10
12
—
dB
1920,0
... 1980,0
MHz
10
13
—
dB
1980,0
... 2100,0
MHz
20
23
—
dB
2100,0
... 6000,0
MHz
20
28
—
dB



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com