Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B4150 Datasheet(PDF) 2 Page - EPCOS

Part # B4150
Description  Low-Loss Filter for Mobile Communication
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B4150 Datasheet(HTML) 2 Page - EPCOS

  B4150 Datasheet HTML 1Page - EPCOS B4150 Datasheet HTML 2Page - EPCOS B4150 Datasheet HTML 3Page - EPCOS B4150 Datasheet HTML 4Page - EPCOS B4150 Datasheet HTML 5Page - EPCOS B4150 Datasheet HTML 6Page - EPCOS B4150 Datasheet HTML 7Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
May 07, 2001
SAW Components
B4150
1960,0 MHz
Low-Loss Filter for Mobile Communication
Data sheet
Ceramic package DCC6C
Features
q
Low-loss RF filter for mobile telephone
PCS systems, receive path
q
Usable passband of 60 MHz
q
No matching network required for operation
at 50
Ω
q
Package for Surface Mounted Technology
(SMT)
Terminals
q
Ni, gold-plated
Dimensions in mm, approx. weight 0,037 g
Pin configuration
2
Input
1, 3
To Be ground
5
Output
4, 6
To Be ground
Electrostatic Sensitive Device (ESD)
Type
Ordering code
Marking and Package
according to
Packing
according to
B4150
B39202-B4150-U410
C61157-A7-A67
F61074-V8088-Z000
Maximum ratings
Operable temperature range
T
– 30 /+ 80
˚C
Storage temperature range
Tstg
– 40 /+ 85
˚C
DC voltage
VDC
0V
Input power max.
1930...1990 MHz
PIN
13
10
dBm
dBm
source and load impedance 50
Ω
peak power of TDMA signal,
duty cycle 1 : 3
continuous wave



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com