Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1622607 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1622607
Description  PV-FT-CM-C-4-400-RD - Device connector front mounting
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1622607 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1622607 Datasheet HTML 1Page - PHOENIX CONTACT 1622607 Datasheet HTML 2Page - PHOENIX CONTACT 1622607 Datasheet HTML 3Page - PHOENIX CONTACT 1622607 Datasheet HTML 4Page - PHOENIX CONTACT 1622607 Datasheet HTML 5Page - PHOENIX CONTACT 1622607 Datasheet HTML 6Page - PHOENIX CONTACT 1622607 Datasheet HTML 7Page - PHOENIX CONTACT 1622607 Datasheet HTML 8Page - PHOENIX CONTACT 1622607 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Please be informed that the data shown in this PDF document is generated from our online catalog. Please find the complete data in the user
documentation. Our general terms of use for downloads are valid.
Device connector front mounting, Range of articles: SUNCLIX, housing material: PPE, color:
black, min. conductor cross section: 4 mm2, Connection method: Crimp, Contact connection
type: Pin, cable length: 400000
Commercial data
Item number
1622607
Packing unit
50 pc
Minimum order quantity
50 pc
Product key
ABLBAA
GTIN
4055626048192
Weight per piece (including packing)
26.16 g
Weight per piece (excluding packing)
26.16 g
Country of origin
DE
PV-FT-CM-C-4-400-RD - Device connector front
mounting
1622607
https://www.phoenixcontact.com/us/products/1622607
Jan 16, 2024, 4:28 AM
Page 1 (10)


Similar Part No. - 1622607

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1622608 PHOENIX-1622608 Datasheet
365Kb / 10P
PV-FT-CF-C-4-400-BU - Device connector front mounting
More results

Similar Description - 1622607

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1623390 PHOENIX-1623390 Datasheet
80Kb / 3P
Photovoltaic connector - PV-FT-CM-C-6-500-RD
1705996 PHOENIX-1705996 Datasheet
80Kb / 3P
Photovoltaic connector - PV-FT-CM-C-2,5-300-RD
1805148 PHOENIX-1805148 Datasheet
80Kb / 3P
Photovoltaic connector - PV-FT-CM-C-2,5-130-RD
1805164 PHOENIX-1805164 Datasheet
79Kb / 3P
Photovoltaic connector - PV-FT-CM-C-4-130-RD
1592490 PHOENIX-1592490 Datasheet
59Kb / 3P
Device connector, front mounting - PV-08P1N126100
1592499 PHOENIX-1592499 Datasheet
61Kb / 3P
Device connector, front mounting - PV-14P1N126100
1622662 PHOENIX-1622662 Datasheet
79Kb / 4P
Photovoltaic connector - PV-CM-C-HSG
09/12/2020
1805180 PHOENIX-1805180 Datasheet
107Kb / 7P
Photovoltaic connector - PV-FT-CM-C-6-130-RD
09/12/2020
1806037 PHOENIX-1806037 Datasheet
107Kb / 7P
Photovoltaic connector - PV-FT-CM-C-6-350-BK
09/12/2020
1231071 PHOENIX-1231071 Datasheet
254Kb / 9P
ES-FT-C4M-CO1 - Device connector front mounting
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com