Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74ACT244 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # SN74ACT244
Description  SNx4ACT244 Octal Buffers and Drivers With 3-State Outputs
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74ACT244 Datasheet(HTML) 4 Page - Texas Instruments

  SN74ACT244 Datasheet HTML 1Page - Texas Instruments SN74ACT244 Datasheet HTML 2Page - Texas Instruments SN74ACT244 Datasheet HTML 3Page - Texas Instruments SN74ACT244 Datasheet HTML 4Page - Texas Instruments SN74ACT244 Datasheet HTML 5Page - Texas Instruments SN74ACT244 Datasheet HTML 6Page - Texas Instruments SN74ACT244 Datasheet HTML 7Page - Texas Instruments SN74ACT244 Datasheet HTML 8Page - Texas Instruments SN74ACT244 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 39 page
background image
5 Specifications
5.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)(1)
MIN
MAX
UNIT
VCC
Supply voltage
–0.5
7
V
VI
Input voltage(2)
–0.5
VCC + 0.5
V
VO
Output voltage(2)
–0.5
VCC + 0.5
V
IIK
Input clamp current
VI < 0 or VI > VCC
±20
mA
IOK
Output clamp current
VO < 0 or VO > VCC
±20
mA
IO
Continuous output current
VO = 0 to VCC
±50
mA
Continuous current through VCC or GND
±200
mA
TJ
Absolute Maximum Junction Temperature
150
°C
Tstg
Storage temperature
–65
150
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under Recommended Operating
Conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
The input and output voltage ratings may be exceeded if the input and output current ratings are observed.
5.2 ESD Ratings
VALUE
UNIT
SN74ACT244 in DW Package
V(ESD)
Electrostatic discharge
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±3000
V
Charged-device model (CDM), per JEDEC specification JESD22-
C101(2)
±2000
SN54ACT244 in J, W, DB, N, NS, PW, FK Packages
V(ESD)
Electrostatic discharge
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±2000
V
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
5.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)(1)
MIN
MAX
UNIT
VCC
Supply voltage
4.5
5.5
V
VIH
High-level input voltage
2
V
VIL
Low-level input voltage
0.8
V
VI
Input voltage
0
VCC
V
VO
Output voltage
0
VCC
V
IOH
High-level output current
–24
mA
IOL
Low-level output current
24
mA
Δt/Δv
Input transition rise or fall rate
8
ns/V
TA
Operating free-air temperature
SN54ACT244
–55
125
°C
SN74ACT244
–40
85
(1)
All unused inputs of the device must be held at VCC or GND for proper device operation. See the TI application report, Implications of
Slow or Floating CMOS Inputs.
SN54ACT244, SN74ACT244
SCAS517F – JUNE 1995 – REVISED NOVEMBER 2023
www.ti.com
4
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: SN54ACT244 SN74ACT244



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com