Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HTY50-P Datasheet(PDF) 1 Page - LEM

Part # HTY50-P
Description  Current Transducer
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEM [LEM]
Direct Link  http://www.lem.co.jp/HQ/en
Logo LEM - LEM

HTY50-P Datasheet(HTML) 1 Page - LEM

  HTY50-P Datasheet HTML 1Page - LEM HTY50-P Datasheet HTML 2Page - LEM  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Electrical data
Primary nominal
Primary current
Type
RoHS since
current rms
measuring range
date code
I
PN (A)
I
PM (A)
50
± 150
HTY 50-P
46115
75
± 225
HTY 75-P
46013
100
± 300
HTY 100-P
46067
V
C
Supply voltage (± 5 %)
± 15
V
I
C
Current consumption
< ± 20
mA
V
d
Rms voltage for AC isolation test, 50 Hz, 1 min
2.5
kV
R
IS
Isolation resistance @ 500 VDC
> 500
M
Ω
V
OUT
Output voltage (Analog) @ ± I
PN, RL = 10 kΩ, TA = 25°C
± 4
V
R
L
Load resistance
> 10
k
Ω
Accuracy-Dynamic performance data
X
Accuracy @ I
PN, TA = 25°C (excluding offset)
< ± 1
% of I
PN
ε
L
Linearity error (0 .. ± I
PN)
< ± 1
% of I
PN
V
OE
Electrical offset voltage @ T
A = 25°C
< ± 30
mV
V
OH
Hysteresis offset voltage @ I
P = 0,
after an excursion of 1 x I
PN
< ± 15
mV
TCV
OE
Temperature coefficient of V
OE
typ. ± 2.0
mV/K
max. ± 3.0
mV/K
TCV
OUT
Temperature coefficient of V
OUT (% of reading)
< ± 0.1
%/K
t
r
Response time to 90% of I
PN step
< 7
µs
BW
Frequency bandwidth (- 3 dB)1)
DC .. 50
kHz
General data
T
A
Ambient operating temperature
- 10 .. + 75
°C
T
S
Ambient storage temperature
- 15 .. + 85
°C
m
Mass
30
g
Current Transducer HTY 50..100-P
For the electronic measurement of currents: DC, AC, pulsed, mixed,
with a galvanic isolation between the primary circuit (high power) and
the secondary circuit (electronic circuit).
I
PN
= 50 .. 100 A
Features
• Hall effect measuring principle
• Galvanic isolation between primary
and secondary circuit
• Isolation voltage 2500 V
• Low power consumption
• Extended measuring range(3 x I
PN
)
Advantages
• Easy installation
• Small size and space saving
• Only one design for wide current
ratings range
• High immunity to external
interference.
Applications
• DC motor drives
• Switched Mode Power Supplies
(SMPS)
• AC variable speed drives
• Uninterruptible Power Supplies
(UPS)
• Battery supplied applications
• Inverters
Application domain
• Industrial
Note :
1) Derating is needed to avoid excessive core heating at high frequency.
070116/3
www.lem.com
LEM reserves the right to carry out modifications on its transducers, in order to improve them, without prior notice.
Page 1/2


Similar Part No. - HTY50-P

ManufacturerPart #DatasheetDescription
logo
LEM
HTY50-P LEM-HTY50-P Datasheet
118Kb / 2P
Current Transducer HTY 50~100-P
More results

Similar Description - HTY50-P

ManufacturerPart #DatasheetDescription
logo
LEM
HAL100-S LEM-HAL100-S Datasheet
40Kb / 2P
Current Transducer
HAS50-S LEM-HAS50-S_06 Datasheet
723Kb / 2P
Current Transducer
HAT200-S LEM-HAT200-S Datasheet
374Kb / 3P
Current Transducer
HTFS200-P LEM-HTFS200-P_05 Datasheet
166Kb / 3P
Current Transducer
HX03-SP2 LEM-HX03-SP2 Datasheet
660Kb / 2P
Current Transducer
HXS50-NP LEM-HXS50-NP Datasheet
295Kb / 3P
Current Transducer
LA125-P LEM-LA125-P_06 Datasheet
66Kb / 2P
Current Transducer
LA200-P LEM-LA200-P_06 Datasheet
274Kb / 2P
Current Transducer
LF305-S LEM-LF305-S_06 Datasheet
190Kb / 3P
Current Transducer
LF2005-S LEM-LF2005-S_06 Datasheet
84Kb / 2P
Current Transducer
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com