Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HX20-SP2 Datasheet(PDF) 2 Page - LEM

Part # HX20-SP2
Description  Current Transducer
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEM [LEM]
Direct Link  http://www.lem.co.jp/HQ/en
Logo LEM - LEM

HX20-SP2 Datasheet(HTML) 2 Page - LEM

  HX20-SP2 Datasheet HTML 1Page - LEM HX20-SP2 Datasheet HTML 2Page - LEM  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Dimensions HX 03..50-P/SP2 (in mm. 1 mm = 0.0394 inch)
Terminal Pin Identification
1 ..... 0V
2 ..... 0V
3 ..... +12V to +15V
4 ..... Output
5 ..... Primary input Current (+)
6 ..... Primary input Current (-)
Primary conductor diameter
Secondary pins dimension
0.5 x 0.25
3
19 Max.
1
2
3
4
+V
OUT
6
5
Terminal Pin Identification
1.....-15V
2.....0V
3.....+15V
4.....Output
5.....Primary input Current(+)
6.....Primary input Current(-)
8.8
5.4
-V or 0
0
HX 50-P
3
8.8
5.4
1.2
3
19 Max.
1
2
3
4
+V
OUT
5
-V or 0
0
3
10.85
d
10.85
6
HX
d
03-P 05-P 10-P 15-P 20-P 25-P 50-P
0.6
0.8
1.1
1.4
1.6
1.6
1.2x6.3
Primary conductor diameter
Secondary pins dimension
0.5x0.25
Top view
Lot No.
HX 05-P
41123
HX 03...25-P
/ dimension
HX 02..25-P
HX 50-P
HX 50-P/SP2
HX 03..25-P/SP2
HX 05-P/
SP2
HX
03-P/
SP2
05-P/
SP2
10-P/
SP2
15-P/
SP2
d
0.6
0.8
1.1
1.4
HX
20-P/
SP2
25-P/
SP2
50-P/
SP2
d
1.6
1.6
1.2 x 6.3
Bottom view
Bottom view
061026/5
www.lem.com
LEM reserves the right to carry out modifications on its transducers, in order to improve them, without prior notice.
Page 2/2
Safety
This transducer must be used in electric/electronic equipment
with respect to applicable standards and safety requirements
in accordance with the following manufacturer's operating
instructions.
Caution, risk of electrical shock
When operating the transducer, certain parts of the module can
carry hazardous voltage (eg. primary busbar, power supply).
Ignoring this warning can lead to injury and/or cause serious
damage.
This transducer is a built-in device, whose conducting parts
must be inaccessible after installation.
A protective housing or additional shield could be used.
Main supply must be able to be disconnected.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com