Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISC015N06NM5LF2 Datasheet(PDF) 9 Page - Infineon Technologies AG

Part # ISC015N06NM5LF2
Description  OptiMOSTM 5 Linear FET 2, 60 V
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

ISC015N06NM5LF2 Datasheet(HTML) 9 Page - Infineon Technologies AG

Back Button ISC015N06NM5LF2 Datasheet HTML 4Page - Infineon Technologies AG ISC015N06NM5LF2 Datasheet HTML 5Page - Infineon Technologies AG ISC015N06NM5LF2 Datasheet HTML 6Page - Infineon Technologies AG ISC015N06NM5LF2 Datasheet HTML 7Page - Infineon Technologies AG ISC015N06NM5LF2 Datasheet HTML 8Page - Infineon Technologies AG ISC015N06NM5LF2 Datasheet HTML 9Page - Infineon Technologies AG ISC015N06NM5LF2 Datasheet HTML 10Page - Infineon Technologies AG ISC015N06NM5LF2 Datasheet HTML 11Page - Infineon Technologies AG ISC015N06NM5LF2 Datasheet HTML 12Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
9
OptiMOSTM5LinearFET2,60V
ISC015N06NM5LF2
Rev.2.1,2023-11-08
Final Data Sheet
Diagram13:Forwardcharacteristicsofreversediode
VSD[V]
0.0
0.4
0.8
1.2
1.6
2.0
100
101
102
103
104
25 °C
25 °C, max
175 °C
175 °C, max
IF=f(VSD);parameter:Tj
Diagram14:Avalanchecharacteristics
tAV[µs]
100
101
102
103
100
101
102
25 °C
100 °C
150 °C
IAS=f(tAV);RGS=25
Ω;parameter:Tj,start
Diagram15:Typ.gatecharge
Qgate[nC]
0
10
20
30
40
50
60
70
80
90
100
0
1
2
3
4
5
6
7
8
9
10
12 V
30 V
48 V
VGS=f(Qgate),ID=50Apulsed,Tj=25°C;parameter:VDD
Diagram16:Drain-sourcebreakdownvoltage
Tj[°C]
-75 -50 -25
0
25
50
75 100 125 150 175 200
57
58
59
60
61
62
63
64
65
VBR(DSS)=f(Tj);ID=1mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com