Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCA3354C Datasheet(PDF) 22 Page - NXP Semiconductors

Part # PCA3354C
Description  8-bit microcontrollers with DTMF generator and 256 bytes EEPROM
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA3354C Datasheet(HTML) 22 Page - NXP Semiconductors

Back Button PCA3354C Datasheet HTML 18Page - NXP Semiconductors PCA3354C Datasheet HTML 19Page - NXP Semiconductors PCA3354C Datasheet HTML 20Page - NXP Semiconductors PCA3354C Datasheet HTML 21Page - NXP Semiconductors PCA3354C Datasheet HTML 22Page - NXP Semiconductors PCA3354C Datasheet HTML 23Page - NXP Semiconductors PCA3354C Datasheet HTML 24Page - NXP Semiconductors PCA3354C Datasheet HTML 25Page - NXP Semiconductors PCA3354C Datasheet HTML 26Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 32 page
background image
1996 Dec 18
22
Philips Semiconductors
Product specification
8-bit microcontrollers with DTMF
generator and 256 bytes EEPROM
PCA3354C; PCD3354A
17 DC CHARACTERISTICS
VDD = 1.8 to 6 V; VSS =0V; Tamb =0to+50 °C (PCA3354C) or −25 to +70 °C (PCD3354A); all voltages with respect to
VSS; fxtal = 3.58 MHz (gmL); unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Supply
VDD
supply voltage
see Fig.5
operating
note 1
1.8
−
6V
RAM data retention in Stop
mode
1.0
−
6V
IDD
operating supply current
see Figs 6 and 7; note 2
VDD = 3 V; value HGF or LGF ≠ 0
−
0.8
1.6
mA
VDD = 3 V; value HGF = LGF = 0
−
0.35
0.7
mA
VDD =5V; fxtal = 10.74 MHz (gmM);
value HGF or LGF
≠ 0; DIV3 = 1
−
2.7
6.2
mA
VDD =5V; fxtal = 10.74 MHz (gmM);
value HGF = LGF = 0
−
1.7
4.2
mA
VDD =5V; fxtal = 16 MHz (gmH);
value HGF = LGF = 0
−
3.5
−
mA
IDD(idle)
supply current (Idle mode)
see Figs 8 and 9; note 2
VDD = 3 V; value HGF or LGF ≠ 0
−
0.7
1.4
mA
VDD = 3 V; value HGF = LGF =0
−
0.25
0.5
mA
VDD =5V; fxtal = 10.74 MHz (gmM);
value HGF or LGF
≠ 0; DIV3 = 1
−
2.3
5.5
mA
VDD =5V; fxtal = 10.74 MHz (gmM);
value HGF = LGF = 0
−
1.3
3.5
mA
VDD =5V; fxtal = 16 MHz (gmH);
value HGF = LGF = 0
−
2.4
−
mA
IDD(stp)
supply current (Stop mode)
See Fig.10; notes 2 and 3
VDD = 1.8 V; Tamb =25 °C
−
1.0
5.5
µA
VDD = 1.8 V; Tamb = −25 to +70 °C
−−
10
µA
Inputs
VIL
LOW level input voltage
0
−
0.3VDD V
VIH
HIGH level input voltage
0.7VDD −
VDD
V
ILI
input leakage current
VSS ≤ VI ≤ VDD
−1
−
+1
µA
Port outputs
IOL
LOW level output sink current
VDD = 3 V; VO = 0.4 V; see Fig.11
0.7
3.5
−
mA
IOH
HIGH level pull-up output
source current
VDD =3V; VO = 2.7 V; see Fig.12
−10
−30
−µA
VDD =3V; VO = 0 V; see Fig.12
−−140
−300
µA
IOH1
HIGH level push-pull output
source current
VDD = 3 V; VO = 2.6 V; see Fig.13
−0.7
−3.5
−
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com