Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCA3352C Datasheet(PDF) 5 Page - NXP Semiconductors

Part # PCA3352C
Description  8-bit microcontrollers with DTMF generator and 128 bytes EEPROM
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA3352C Datasheet(HTML) 5 Page - NXP Semiconductors

  PCA3352C Datasheet HTML 1Page - NXP Semiconductors PCA3352C Datasheet HTML 2Page - NXP Semiconductors PCA3352C Datasheet HTML 3Page - NXP Semiconductors PCA3352C Datasheet HTML 4Page - NXP Semiconductors PCA3352C Datasheet HTML 5Page - NXP Semiconductors PCA3352C Datasheet HTML 6Page - NXP Semiconductors PCA3352C Datasheet HTML 7Page - NXP Semiconductors PCA3352C Datasheet HTML 8Page - NXP Semiconductors PCA3352C Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 36 page
background image
This text is here in white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader.This text is here in
_white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader.This text is here inThis text is here in
white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader. white to force landscape pages to be ...
MLA537
PORT 0
FLIP-FLOP
PORT 0
BUFFER
HIGHER
PROGRAM
COUNTER
LOWER
PROGRAM
COUNTER
PROGRAM
STATUS
WORD
MEMORY
BANK
FLIP-FLOPS
6 kbytes
(PCD3353C; 53A)
4 kbytes
(PCD3352C; 52A)
2 kbytes
(PCD3351C; 51A)
128 bytes
(PCD3352C; 52A; 53C; 53A)
64 bytes
(PCD3351C; 51A)
DECODE
RESIDENT ROM
58
8
8
8
P0.0 to P0.7
8
8
88
8
8
TIMER/
EVENT
COUNTER
32
INTERNAL
CLOCK
FREQ.
30
T1
PORT 1
BUFFER
PORT 1
FLIP-FLOP
P1.7/MDY P1.0 to P1.6
8
PORT 2
BUFFER
PORT 2
FLIP-FLOP
P2.0 to P2.3
4
4
7
8
MELODY
CONTROL
REGISTER
8
TONE
FILTER
OSCILLATOR
RAM
ADDRESS
REGISTER
ACCUMULATOR
TEMPORARY
REGISTER 1
TEMPORARY
REGISTER 2
ARITHMETIC
DECIMAL
ADJUST
CONTROL AND TIMING
XTAL2
XTAL1
RESET
CE/T0
STOP
IDLE
INTERRUPT
INITIALIZE
MULTIPLEXER
8 LEVEL STACK
(VARIABLE LENGTH)
OPTIONAL SECOND
REGISTER BANK
DATA STORE
D
E
C
O
D
E
REGISTER 0
REGISTER 1
REGISTER 2
REGISTER 3
REGISTER 4
REGISTER 5
REGISTER 6
REGISTER 7
timer interrupt
external interrupt
RESIDENT RAM ARRAY
derivative
interrupt
8
LOGIC UNIT
8
INSTRUCTION
REGISTER
AND
DECODER
CONDITIONAL
BRANCH
LOGIC
CE/T0
TIMER
FLAG
CARRY
ACC
ACC BIT
TEST
T1
LGF
REGISTER
8
HGF
REGISTER
8
SINE WAVE
GENERATOR
INTERRUPT
LOGIC
8
EEPROM
DATA
TRANSFER
8
EEPROM
ADDRESS
REGISTER
8
EEPROM
CONTROL
REGISTER
8
TIMER 2
REGISTER
8
TIMER 2
RELOAD
REGISTER
8
EEPROM
PCA3351C
PCA3352C
PCA3353C
PCD3351A
PCD3352A
PCD3353A
POWER-ON-RESET
VPOR
RESET
Fig.1 Block diagram.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com