Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCA5007 Datasheet(PDF) 21 Page - NXP Semiconductors

Part # PCA5007
Description  Pager baseband controller
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA5007 Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button PCA5007 Datasheet HTML 17Page - NXP Semiconductors PCA5007 Datasheet HTML 18Page - NXP Semiconductors PCA5007 Datasheet HTML 19Page - NXP Semiconductors PCA5007 Datasheet HTML 20Page - NXP Semiconductors PCA5007 Datasheet HTML 21Page - NXP Semiconductors PCA5007 Datasheet HTML 22Page - NXP Semiconductors PCA5007 Datasheet HTML 23Page - NXP Semiconductors PCA5007 Datasheet HTML 24Page - NXP Semiconductors PCA5007 Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 112 page
background image
1998 Oct 07
21
Philips Semiconductors
Product specification
Pager baseband controller
PCA5007
6.8.2
SERIAL CONTROL REGISTER (S1CON)
Table 7
Serial Control Register (S1CON, SFR address D8H)
Table 8
Description of the S1CON bits
6.8.3
DATA SHIFT REGISTER (S1DAT)
S1DAT contains the serial data to be transmitted or data which has just been received. Bit 7 is transmitted or received
first; i.e. data shifted from left to right.
Table 9
Data Shift Register (S1DAT, SFR address DAH)
6.8.4
ADDRESS REGISTER (S1ADR)
The slave address register is not available since slave mode is not supported.
6.8.5
SERIAL STATUS REGISTER (S1STA)
The contents of this register may be used as a vector to a service routine. This optimizes the response time of the
software and consequently that of the I2C-bus. S1STA is a read-only register. The status codes for all available modes
of a single master I2C-bus interface are given in Tables 12 to 14.
76543210
−
ENS1
STA
STO
SI
AA
−−
BIT
SYMBOL
FUNCTION
S1CON.7
−
CR2 is not available.
S1CON.6
ENS1
Enable Serial I/O. When ENS1 = 0, the serial I/O is disabled. SDA and SCL outputs are
in the high-impedance state; P1.6 and P1.7 function as open-drain ports. When
ENS1 = 1, the serial I/O is enabled. Output port latches P1.6 and P1.7 must be set to
logic 1.
S1CON.5
STA
START flag. If STA is set while the SIO is in master mode, SIO will generate a repeated
START condition.
S1CON.4
STO
STOP flag. With this bit set while in master mode a STOP condition is generated. When
a STOP condition is detected on the I2C-bus, the SIO hardware clears the STO flag.
S1CON.3
SI
SIO interrupt flag. This flag is set, and an interrupt is generated, after any of the
following events occur:
• A START condition is generated in master mode
• A data byte has been received or transmitted in master mode (even if arbitration is lost).
If this flag is set, the I2C-bus is halted (by pulling down SCL). Received data is only valid
until this flag is reset.
S1CON.2
AA
Assert Acknowledge. When this bit is set, an acknowledge (LOW level to SDA) is
returned during the acknowledge clock pulse on the SCL line when:
• A data byte is received while the device is programmed to be a master receiver.
When this bit is reset, no acknowledge is returned.
S1CON.1
−
CR1 and CR0 are not available.
S1CON.0
−
76543210
D7
D6
D5
D4
D3
D2
D1
D0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com