Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCE-WSA Datasheet(PDF) 2 Page - PCE Instruments.

Part # PCE-WSA
Description  Anemometer PCE-WS A
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCE [PCE Instruments.]
Direct Link  https://www.pce-instruments.com/
Logo PCE - PCE Instruments.

PCE-WSA Datasheet(HTML) 2 Page - PCE Instruments.

  PCE-WSA Datasheet HTML 1Page - PCE Instruments. PCE-WSA Datasheet HTML 2Page - PCE Instruments.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Specifications
Measuring range
2.62 ... 164.04 ft/s, 0.8 m / s ... 50 m / s
Measurement from
≤2.62 ft/s, 0.8 m / s
Output
4 ... 20 mA (passive)
Accuracy
<13.12 ft/s: ± 0.89 ft/s, <4 m / s: ± 0.27 m / s
 
> 13.12 ft/s: ± 3%, > 4 m / s: ± 3%
Operating voltage
12 ... 30 V DC
Operating temperature range  -4 ... +185 ° F, -20 ... +80 ° C at ≤95% rel. humidity
Maximum wind speed   
180.45 ft/s, 123 mph, 55 m / s
Electrical connection
65 ft, 20 m connection cable
Protection class
IP65
More information
Manual
More product info
Similar products



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com