Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCE-WSP Datasheet(PDF) 1 Page - PCE Instruments.

Part # PCE-WSP
Description  Air Flow Meter PCE-WS P
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCE [PCE Instruments.]
Direct Link  https://www.pce-instruments.com/
Logo PCE - PCE Instruments.

PCE-WSP Datasheet(HTML) 1 Page - PCE Instruments.

  PCE-WSP Datasheet HTML 1Page - PCE Instruments. PCE-WSP Datasheet HTML 2Page - PCE Instruments.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Air Flow Meter PCE-WS P
Robust Air Flow Meter for fixed installation / various output signals /  
for wind warning systems, building services and building automation
The Air Flow Meter impresses with its compact design and various output signals. The Air Flow Meter can be used for applications in warning
technology, building automation and home technology. Depending on the Wind Speed Meter, a 4 ... 20 mA, 0 ... 10 V, Modbus or pulse output is
available. The Air Flow Meter is designed as a star, so that operation independent of the wind direction is guaranteed. 
The Air Flow Meter is made of robust plastic and is therefore resistant to rust and corrosion. The Air Flow Meter is also protected to IP65. The
design of the Air Flow Meter also ensures that it is particularly protected against high-frequency and electromagnetic radiation. The measuring
range extends between 2.62 ... 164.04 ft/s, 0.8 ... 50 m / s. The Air Flow Meter has a 65 ft, 20 m connection cable as standard. A stainless steel
mounting kit for the Air Flow Meter is optionally available. 
- Robust PA plastic housing
- IP 65 protection 
- mA, V, pulse or Modbus output
- Long lifetime
- Direct measurement of wind speed
- Measurement from 2.62 ft/s, 0.8 m / s


Similar Part No. - PCE-WSP

ManufacturerPart #DatasheetDescription
logo
PCE Instruments.
PCE-WS30 PCE-PCE-WS30 Datasheet
330Kb / 2P
Technical Specification Laboratory Balance PCE-WS 30
PCE-WSA PCE-PCE-WSA Datasheet
272Kb / 2P
Anemometer PCE-WS A
PCE-WSAC50 PCE-PCE-WSAC50 Datasheet
341Kb / 2P
Wind Measurer Alarm Controller PCE-WSAC 50
PCE-WSAC50W230 PCE-PCE-WSAC50W230 Datasheet
499Kb / 2P
Wind Speed Meter PCE-WSAC 50W 230
PCE-WSAC50W230-ICA PCE-PCE-WSAC50W230-ICA Datasheet
649Kb / 2P
Wind Speed Alarm Controller PCE-WSAC 50W 230-ICAincl ISO calibration cert.
More results

Similar Description - PCE-WSP

ManufacturerPart #DatasheetDescription
logo
Sensitron
ASF1430 SENSITRON-ASF1430 Datasheet
272Kb / 9P
Bidirectional Mass Flow Meter
logo
List of Unclassifed Man...
SLQ-QT500 ETC2-SLQ-QT500 Datasheet
580Kb / 7P
High Purity Flow Meter
logo
TT Electronics.
DS1012 TTELEC-DS1012 Datasheet
335Kb / 1P
Turbine Flow Meter
DS1173 TTELEC-DS1173 Datasheet
304Kb / 1P
Compressed Air Flow Meter
DOSIC TTELEC-DOSIC Datasheet
298Kb / 1P
Ultrasonic Flow Meter
FFU TTELEC-FFU Datasheet
330Kb / 1P
Ultrasonic Flow Meter
logo
Maxim Integrated Produc...
MAX35104 MAXIM-MAX35104 Datasheet
1Mb / 80P
Gas Flow Meter SoC
19-8501; Rev 3; 12/17
logo
Sensirion AG Switzerlan...
SFM3020 SENSIRION-SFM3020 Datasheet
975Kb / 7P
Analog Mass Flow Meter
Version 0.4
SFM4200 SENSIRION-SFM4200 Datasheet
499Kb / 13P
Digital Flow Meter for Air and Oxygen
Version 1.1 - Oct. 2017
logo
PCE Instruments.
PCE-GM60P PCE-PCE-GM60P Datasheet
310Kb / 2P
Gloss Meter PCE-GM 60Plus
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com