Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCE-WSV Datasheet(PDF) 1 Page - PCE Instruments.

Part # PCE-WSV
Description  Wind Speed Meter PCE-WS V
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCE [PCE Instruments.]
Direct Link  https://www.pce-instruments.com/
Logo PCE - PCE Instruments.

PCE-WSV Datasheet(HTML) 1 Page - PCE Instruments.

  PCE-WSV Datasheet HTML 1Page - PCE Instruments. PCE-WSV Datasheet HTML 2Page - PCE Instruments.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Wind Speed Meter PCE-WS V
Robust Wind Speed Meter for fixed installation / various output signals /  
for wind warning systems, building services and building automation
The Wind Speed Meter impresses with its compact design and various output signals. The Wind Speed Meter can be used for applications in
warning technology, building automation and home technology. Depending on the Wind Speed Meter, a 4 ... 20 mA, 0 ... 10 V, Modbus or pulse
output is available. The Wind Speed Meter is designed as a star, so that operation independent of the wind direction is guaranteed. 
The Wind Speed Meter is made of robust plastic and is therefore resistant to rust and corrosion. The Wind Speed Meter is also protected to
IP65. The design of the Wind Speed Meter also ensures that it is particularly protected against high-frequency and electromagnetic
radiation. The measuring range extends between 2.62 ... 164.04 ft/s, 0.8 ... 50 m / s. The Wind Speed Meter has a 65 ft, 20 m connection cable
as standard. A stainless steel mounting kit for the Wind Speed Meter is optionally available. 
- Robust PA plastic housing
- IP 65 protection 
- mA, V, pulse or Modbus output
- Long lifetime
- Direct measurement of wind speed
- Measurement from 2.62 ft/s, 0.8 m / s


Similar Part No. - PCE-WSV

ManufacturerPart #DatasheetDescription
logo
PCE Instruments.
PCE-WS30 PCE-PCE-WS30 Datasheet
330Kb / 2P
Technical Specification Laboratory Balance PCE-WS 30
PCE-WSA PCE-PCE-WSA Datasheet
272Kb / 2P
Anemometer PCE-WS A
PCE-WSAC50 PCE-PCE-WSAC50 Datasheet
341Kb / 2P
Wind Measurer Alarm Controller PCE-WSAC 50
PCE-WSAC50W230 PCE-PCE-WSAC50W230 Datasheet
499Kb / 2P
Wind Speed Meter PCE-WSAC 50W 230
PCE-WSAC50W230-ICA PCE-PCE-WSAC50W230-ICA Datasheet
649Kb / 2P
Wind Speed Alarm Controller PCE-WSAC 50W 230-ICAincl ISO calibration cert.
More results

Similar Description - PCE-WSV

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
2-1419125-0 MACOM-2-1419125-0 Datasheet
117Kb / 2P
PCE-112D1M,000 CUSTMER DRAWING
logo
List of Unclassifed Man...
SONICWEATHERSTATION ETC2-SONICWEATHERSTATION Datasheet
86Kb / 2P
Wind Speed and Direction
logo
Weidmuller
2007150000 WEIDMULLER-2007150000 Datasheet
835Kb / 8P
WS 8/5 MM WS
October 18, 2021
2007200000 WEIDMULLER-2007200000 Datasheet
837Kb / 8P
WS 12/6 MM WS
October 18, 2021
logo
List of Unclassifed Man...
PCE-BSK1100 ETC-PCE-BSK1100 Datasheet
321Kb / 2P
Compact Balance PCE-BSK 1100
logo
PCE Instruments.
PCE-VT3700 PCE-PCE-VT3700 Datasheet
380Kb / 2P
Accelerometer PCE-VT 3700
PCE-CT5000H PCE-PCE-CT5000H Datasheet
368Kb / 2P
Thickness Gauge PCE-CT 5000H
PCE-GM60P PCE-PCE-GM60P Datasheet
310Kb / 2P
Gloss Meter PCE-GM 60Plus
PCE-MFM2400 PCE-PCE-MFM2400 Datasheet
331Kb / 2P
Magnetometer PCE-MFM 2400
PCE-PA8000 PCE-PCE-PA8000 Datasheet
528Kb / 2P
Power Analyzer PCE-PA 8000
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com