Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCE-CBA20 Datasheet(PDF) 1 Page - PCE Instruments.

Part # PCE-CBA20
Description  Car Measuring Device / Car Battery Tester PCE-CBA 20
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCE [PCE Instruments.]
Direct Link  https://www.pce-instruments.com/
Logo PCE - PCE Instruments.

PCE-CBA20 Datasheet(HTML) 1 Page - PCE Instruments.

  PCE-CBA20 Datasheet HTML 1Page - PCE Instruments. PCE-CBA20 Datasheet HTML 2Page - PCE Instruments.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Car Measuring Device / Car Battery Tester PCE-CBA 20
Car measuring device for 12 V and 24 V starter batteries / starter and charging circuit measurement / 
LC display / rubber holster / easy handling
 
The car measuring device tests 12 V and 24 V starter batteries. The car measuring device checks the condition of the car battery via the battery
voltage in the charging cycle, when starting or when idling. The car measuring device uses the battery voltage to determine whether the starter
battery is still functional. The car measuring device also shows the status of the battery in % on the LC display and makes a recommendation as
to whether the starter battery should be replaced if necessary. 
During the battery test with the car measuring device during the starting process of the car, the voltage drop of the battery is measured by the
test device. The voltage difference provides information about the condition of the 12V or 24 V battery. In addition to checking the battery, the
voltmeter can also test the alternator from the car. All measured values and test results are displayed on the LCD. The carmeasuring device uses
Kelvin clamps on 70 cm long measuring leads to measure the battery voltage.
12 V and 24 V starter batteries testable
Kelvin connection cables
LCD display
Short measurement time
Cold start current measurement
DIN, JIS, EN, SAE batteries testable


Similar Part No. - PCE-CBA20

ManufacturerPart #DatasheetDescription
logo
PCE Instruments.
PCE-CBA10 PCE-PCE-CBA10 Datasheet
435Kb / 2P
Electrical Tester PCE-CBA 10
More results

Similar Description - PCE-CBA20

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TEA6820T PHILIPS-TEA6820T Datasheet
548Kb / 48P
In Car Entertainment ICE car radio
1997 Feb 12
TEA6823T PHILIPS-TEA6823T Datasheet
320Kb / 48P
In Car Entertainment ICE car radio
1998 Mar 24
TEA6824T PHILIPS-TEA6824T Datasheet
253Kb / 36P
In Car Entertainment ICE car radio
1997 May 05
logo
Sumida Corporation
CLQ104B SUMIDA-CLQ104B Datasheet
114Kb / 1P
Car Audio Device DC/DC Converter Transformer
logo
List of Unclassifed Man...
AP-125 ETC2-AP-125 Datasheet
51Kb / 1P
CAR BATTERY ANALYZER WITH AUTO PLUG
logo
Riedon Powertron
CAR0603-10RB1 RIEDON-CAR0603-10RB1 Datasheet
145Kb / 3P
CAR Series
logo
Shenzhen Huazhimei Semi...
HM1494 HMSEMI-HM1494 Datasheet
475Kb / 6P
Car charger
HM1495 HMSEMI-HM1495 Datasheet
1Mb / 11P
Car charger
logo
Pepperl+Fuchs Inc.
CCS01-R PF-CCS01-R Datasheet
116Kb / 1P
Car charger
logo
SUNNY Computer Technolo...
RY-CC24U2 SUNNY-RY-CC24U2 Datasheet
619Kb / 2P
Car adapter
14.10.2020
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com