Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCE-CT25FN Datasheet(PDF) 1 Page - PCE Instruments.

Part # PCE-CT25FN
Description  Material Thickness Tester PCE-CT 25FN
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCE [PCE Instruments.]
Direct Link  https://www.pce-instruments.com/
Logo PCE - PCE Instruments.

PCE-CT25FN Datasheet(HTML) 1 Page - PCE Instruments.

  PCE-CT25FN Datasheet HTML 1Page - PCE Instruments. PCE-CT25FN Datasheet HTML 2Page - PCE Instruments.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Material Thickness Tester PCE-CT 25FN
Material Thickness Tester with convenient one-hand operation / MIN MAX and MEAN display / 
Battery indicator / various units / automatic shutdown / 
for ferrous and non-ferrous metals / small and compact design
 
The Material Thickness Tester is used for the quick and precise detection of layer thicknesses on metals. In comparison to many other paint
thickness gauges, this Material Thickness Tester does not have to differentiate between ferrous and non-ferrous metal. With the small and
compact design of the Material Thickness Tester, one-hand operation is possible. Despite its small size, the coating thickness measuring device
has a measuring range of 1500 µm and an accuracy of ± (3% + 1 µm). 
 
The measured values displayed can be output in µm, mm and in mils on the Material Thickness Tester. In addition to measuring the layer
thickness, the Material Thickness Tester can determine the smallest, the largest and also the mean value from a series of different
measurements. The Material Thickness Tester also has an automatic switch-off function. 
small and compact design
fast measuring frequency
Calibration set included
Different units can be selected
also for continuous measurements
comfortable one-hand operation


Similar Part No. - PCE-CT25FN

ManufacturerPart #DatasheetDescription
logo
PCE Instruments.
PCE-CT22BT PCE-PCE-CT22BT Datasheet
469Kb / 2P
Material Tester PCE-CT 22BT
PCE-CT22BT-ICA PCE-PCE-CT22BT-ICA Datasheet
317Kb / 2P
Material Tester PCE-CT 22BT-ICA incl. ISO CalibrationCertificate
PCE-CT26FN PCE-PCE-CT26FN Datasheet
475Kb / 2P
Material Tester PCE-CT 26FN
PCE-CT26FN-ICA PCE-PCE-CT26FN-ICA Datasheet
497Kb / 2P
Material Tester PCE-CT 26FN-ICA Incl. ISO CalibrationCertificate
PCE-CT27FN PCE-PCE-CT27FN Datasheet
356Kb / 2P
Thickness Meter PCE-CT 27FN
More results

Similar Description - PCE-CT25FN

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
U8101A HP-U8101A Datasheet
458Kb / 14P
Display Tester
logo
Tyco Electronics
2-1419125-0 MACOM-2-1419125-0 Datasheet
117Kb / 2P
PCE-112D1M,000 CUSTMER DRAWING
logo
Extech Instruments Corp...
CG204 EXTECH-CG204 Datasheet
162Kb / 1P
Coating Thickness Tester
logo
Belden Inc.
SMPTE-304TS BELDEN-SMPTE-304TS Datasheet
621Kb / 2P
SMPTE Tester
logo
Pepperl+Fuchs Inc.
1-1350 PF-1-1350 Datasheet
245Kb / 1P
Initiator tester
ST03 PF-ST03 Datasheet
957Kb / 1P
Sensor tester
logo
List of Unclassifed Man...
PCE-BSK1100 ETC-PCE-BSK1100 Datasheet
321Kb / 2P
Compact Balance PCE-BSK 1100
logo
PCE Instruments.
PCE-VT3700 PCE-PCE-VT3700 Datasheet
380Kb / 2P
Accelerometer PCE-VT 3700
PCE-CT5000H PCE-PCE-CT5000H Datasheet
368Kb / 2P
Thickness Gauge PCE-CT 5000H
PCE-MFM2400 PCE-PCE-MFM2400 Datasheet
331Kb / 2P
Magnetometer PCE-MFM 2400
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com