Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCE-CT28 Datasheet(PDF) 2 Page - PCE Instruments.

Part # PCE-CT28
Description  Technical Coating Thickness Gauge PCE-CT 28
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCE [PCE Instruments.]
Direct Link  https://www.pce-instruments.com/
Logo PCE - PCE Instruments.

PCE-CT28 Datasheet(HTML) 2 Page - PCE Instruments.

  PCE-CT28 Datasheet HTML 1Page - PCE Instruments. PCE-CT28 Datasheet HTML 2Page - PCE Instruments.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Operating temperature
0 to 50°C
Power
4 batteries
Dimensions
126 x 65 x 27mm
Weight
120g with batteries
Delivery contents:
1 x PCE-CT 28 Coating Thickness Gauge with integrated F/N sensor
1 x carrying case
4 x batteries
1 x set of calibration standards
1 x user's manual



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com