Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCE-CT65 Datasheet(PDF) 1 Page - PCE Instruments.

Part # PCE-CT65
Description  Coating Thickness Gauge PCE-CT 65
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCE [PCE Instruments.]
Direct Link  https://www.pce-instruments.com/
Logo PCE - PCE Instruments.

PCE-CT65 Datasheet(HTML) 1 Page - PCE Instruments.

  PCE-CT65 Datasheet HTML 1Page - PCE Instruments. PCE-CT65 Datasheet HTML 2Page - PCE Instruments.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Coating Thickness Gauge PCE-CT 65
PCE-CT 65 Coating Thickness Gauge
Non-destructive coating and dry film thickness (DFT) measuring device for use on ferrous and non-ferrous metal substrates
PCE-CT 65 is a coating thickness gauge that uses magnetic induction (ferrous) or eddy current (non-ferrous) to take non-destructive
measurements of coating and dry film thickness (DFT) on metal substrates such as steel and aluminum. This thickness gauge is ideal for
painted and powder-coated surface testing, automotive paint inspection, coated material testing, and manufacturing quality control
applications.
The easy-to-use downloadable PC-compatible software included with this thickness gauge allows for detailed analysis of measurement results
via computer. Measurement values are shown in a table and different working modes can be selected for data filtering. Statistics include the
maximum, minimum and average value per working group. Statistics can be divided by ferrous and non-ferrous material. The software also
counts how many readings have been stored in each material group. For more details, please refer to the user manual.
Includes calibration shims and blocks for DIY accuracy testing, a carrying case for easy transport, and a 2-year warranty against manufacturer
defects
Optional ISO calibration certificate available for purchase separately - see accessories tab for details
Features two measuring modes (ferrous and non-ferrous) with integrated sensors for comfortable, one-handed operation
Saves up to 1500 measurements to memory
Comes with a USB cable and downloadable PC software (see downloads tab) for detailed analysis of measurement results via computer


Similar Part No. - PCE-CT65

ManufacturerPart #DatasheetDescription
logo
PCE Instruments.
PCE-CT100N PCE-PCE-CT100N Datasheet
327Kb / 2P
Thickness Meter PCE-CT 100N
PCE-CT22BT PCE-PCE-CT22BT Datasheet
469Kb / 2P
Material Tester PCE-CT 22BT
PCE-CT22BT-ICA PCE-PCE-CT22BT-ICA Datasheet
317Kb / 2P
Material Tester PCE-CT 22BT-ICA incl. ISO CalibrationCertificate
PCE-CT25FN PCE-PCE-CT25FN Datasheet
352Kb / 2P
Material Thickness Tester PCE-CT 25FN
PCE-CT26FN PCE-PCE-CT26FN Datasheet
475Kb / 2P
Material Tester PCE-CT 26FN
More results

Similar Description - PCE-CT65

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
3140RTV VISHAY-3140RTV Datasheet
114Kb / 1P
Protective Coating
10-Jan-03
3145RTV VISHAY-3145RTV Datasheet
170Kb / 2P
Protective Coating
25-May-05
logo
Tyco Electronics
2-1419125-0 MACOM-2-1419125-0 Datasheet
117Kb / 2P
PCE-112D1M,000 CUSTMER DRAWING
logo
Extech Instruments Corp...
CG204 EXTECH-CG204 Datasheet
162Kb / 1P
Coating Thickness Tester
logo
List of Unclassifed Man...
PCE-BSK1100 ETC-PCE-BSK1100 Datasheet
321Kb / 2P
Compact Balance PCE-BSK 1100
logo
PCE Instruments.
PCE-VT3700 PCE-PCE-VT3700 Datasheet
380Kb / 2P
Accelerometer PCE-VT 3700
PCE-CT5000H PCE-PCE-CT5000H Datasheet
368Kb / 2P
Thickness Gauge PCE-CT 5000H
PCE-MFM2400 PCE-PCE-MFM2400 Datasheet
331Kb / 2P
Magnetometer PCE-MFM 2400
logo
List of Unclassifed Man...
4223 ETC-4223 Datasheet
162Kb / 5P
Urethane Conformal Coating
logo
NHP Electrical Engineer...
TAS6515005A NHP-TAS6515005A Datasheet
1Mb / 3P
CT SOLID CORE 1500/5A 65 x 32mm 25VA CL1 20VA CL0.5
11 October 2022,
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com