Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCD3352AT Datasheet(PDF) 24 Page - NXP Semiconductors

Part # PCD3352AT
Description  8-bit microcontrollers with DTMF generator and 128 bytes EEPROM
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCD3352AT Datasheet(HTML) 24 Page - NXP Semiconductors

Back Button PCD3352AT Datasheet HTML 20Page - NXP Semiconductors PCD3352AT Datasheet HTML 21Page - NXP Semiconductors PCD3352AT Datasheet HTML 22Page - NXP Semiconductors PCD3352AT Datasheet HTML 23Page - NXP Semiconductors PCD3352AT Datasheet HTML 24Page - NXP Semiconductors PCD3352AT Datasheet HTML 25Page - NXP Semiconductors PCD3352AT Datasheet HTML 26Page - NXP Semiconductors PCD3352AT Datasheet HTML 27Page - NXP Semiconductors PCD3352AT Datasheet HTML 28Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 36 page
background image
1999 Oct 28
24
Philips Semiconductors
Product specification
8-bit microcontrollers with DTMF generator
and 128 bytes EEPROM
PCA3351C; 52C; 53C;
PCD3351A; 52A; 53A
handbook, halfpage
MLA493
VDD (V)
13
5
7
fxtal
(MHz)
12
9
6
3
0
15
18
guaranteed
operating range
Fig.6
Maximum clock frequency (fxtal) as a
function of supply voltage (VDD).
Fig.7
Typical operating supply current (IDD) as a
function of supply voltage (VDD).
Measured with crystal between XTAL1 and XTAL2.
handbook, halfpage
1
6
4
2
0
35
VDD (V)
7
MGB827
IDD
(mA)
16 MHz
3.58 MHz
HGF or LGF
≠ 0
10 MHz
3.58 MHz
Fig.8
Typical operating supply current (IDD) as a
function of clock frequency (fxtal).
Measured with function generator on XTAL1.
handbook, halfpage
6
0
2
2
4
1
MGB828
10
10
IDD
(mA)
fxtal (MHz)
3 V
5 V
Fig.9
Typical supply current in Idle mode (IDD(idle))
as a function of supply voltage (VDD).
Measured with crystal between XTAL1 and XTAL2.
handbook, halfpage
1
6
4
2
0
35
VDD (V)
7
MGB829
IDD(idle)
(mA)
16 MHz
3.58 MHz
HGF or LGF
≠ 0
10 MHz
3.58 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com