Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QUATRO4050 Datasheet(PDF) 2 Page - Zoran Corporation

Part # QUATRO4050
Description  Programmable SOC Solution for Printers and All-in-Ones
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZORAN [Zoran Corporation]
Direct Link  http://www.csr.com/
Logo ZORAN - Zoran Corporation

QUATRO4050 Datasheet(HTML) 2 Page - Zoran Corporation

  QUATRO4050 Datasheet HTML 1Page - Zoran Corporation QUATRO4050 Datasheet HTML 2Page - Zoran Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Driving the Digital Lifestyle
Driving the Digital Lifestyle
By pairing the ARM CPU core with the Quatro DSP core, the Quatro
solution provides OEMs with a unique combination of high
performance processing and easy-to-use programmability. The ARM
CPU core, the established leader in embedded CPU cores, delivers
high performance system and control processing with dense code
size and highly regarded software development tool suite.
The 4050 Quatro DSP core builds on 6 generations and 10 years of
Zoran Quatro DSP technology. The 4-datapath parallel processing
Single Instruction, Multiple Data (SIMD) architecture is specifically
tailored for imaging applications, delivering unmatched performance.
The Quatro DSP offers up to 530 million multiply-accumulates
(MACs) per second at 133 MHz, allowing new imaging features to be
quickly implemented without changing hardware, enabling rapid time-
to-market and minimizing development expense.
Programming Environment
The programming environment for the 4050 is based on the ARM
RealView Developer Suite, widely recognized as one of the best
embedded development tool sets available. To these proven ARM
tools Zoran integrates a set of tools for programming the Quatro
DSP—C compiler assembler, simulators, debugger, and libraries.
Using the ARM CPU and Quatro DSP simulators, an OEM's
complete system—both system functions and image processing
pipelines—can be fully developed and simulated on a PC. Zoran's
extensive library of optimized image processing algorithms makes
developing image processing pipelines easy.
Reference Design
To further shorten time-to-market, Zoran provides OEMs with a
reference design for an inkjet AIO. The reference design includes
both a controller board and firmware. The reference controller board
also serves as a development board that OEMs can use to prototype
their own system code.
Processing Modules
• 67 MHz ARM7 32-bit RISC CPU core
• 133 MHz Quatro 4-datapath SIMD DSP core
• 133 MHz JPEG assist module
Interface Modules
• 133 MHz 16-bit SDRAM interface (w/8-bit mode)
• USB Full-Speed device interface
• USB Full-Speed host interface
• Programmable scanner mechanism control interface with 133
MHz 8-bit flexRISC processor
• Integrated 16-bit scanner AFE supporting CCD and CIS sensors
• Programmable printer mechanism control interface with 133 MHz
8-bit flexRISC processor
• 13-channel 3-MHz 10-bit A/D for printer mechanism control
• SPI serial flash/EEPROM interface
• System bus interface
• General-purpose I/O interface
• Serial port
• JTAG interface
Key Specifications
• 176-pin LQFP package
• 0.18 micron process
• On-chip PLL with EMI reduction
• Full scan design and on-chip memory BIST for high production
test coverage
• Core voltage 1.8V
• I/O voltage 3.3V (5V tolerant)
• Power dissipation <2W at maximum clock speed
• Sleep mode
07/06-MMCP
Imaging-Quatro 4050-PB-1.0
Product Brief
Descriptions (continued)
© Copyright 2005-2006 Zoran Corporation. All rights reserved. Zoran, the Zoran logo and Quatro are trademarks of Zoran Corporation. All other names used are owned by their respective owners. Zoran Corporation makes no guarantee
concerning the accuracy of the information contained herein and further does not guarantee that the use of such information will not infringe the rights of any third party. Zoran will not be responsible for any loss or damage of whatever nature
resulting from the use of, or reliance upon, the information. Zoran reserves the right to make changes in the product and/or specifications presented herein at any time without notice.
Zoran Corporation
www.zoran.com
imaging.usa@zoran.com
imaging.japan@zoran.com
imaging.taiwan@zoran.com
imaging.korea@zoran.com
Quatro 4050
Programmable SOC Solution for
Printers and All-in-Ones
Quatro 4050 Controller Block Diagram
SDRAM
UI
CCD
Motor/Lamp
Driver
Printer Heads/
Laser
USB Device
Connector
USB Host
Connector
Flash
Motor
Driver
Quatro 4050
Wireless



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com