Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCA84C646P Datasheet(PDF) 3 Page - NXP Semiconductors

Part # PCA84C646P
Description  Microcontrollers for TV tuning control and OSD applications
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA84C646P Datasheet(HTML) 3 Page - NXP Semiconductors

  PCA84C646P Datasheet HTML 1Page - NXP Semiconductors PCA84C646P Datasheet HTML 2Page - NXP Semiconductors PCA84C646P Datasheet HTML 3Page - NXP Semiconductors PCA84C646P Datasheet HTML 4Page - NXP Semiconductors PCA84C646P Datasheet HTML 5Page - NXP Semiconductors PCA84C646P Datasheet HTML 6Page - NXP Semiconductors PCA84C646P Datasheet HTML 7Page - NXP Semiconductors PCA84C646P Datasheet HTML 8Page - NXP Semiconductors PCA84C646P Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 72 page
background image
1995 Jun 15
3
Philips Semiconductors
Preliminary specification
Microcontrollers for TV tuning
control and OSD applications
PCA84C646; PCA84C846
1
FEATURES
1.1
PCF84CXXXA kernel
• 8-bit CPU, ROM, RAM, I/O and derivative logic in one
package
• Over 80 instructions
• All instructions of 1 or 2 cycles
• Quasi-bidirectional standard I/O port lines (P0, P1)
• Configuration of I/O lines individually selected by mask
• External interrupt INT/T0
• 2 direct testable inputs T0, T1
• 8-bit timer/event counter
• Single level vectored interrupt: external (INT),
counter/timer, I2C-bus and VSYNC
• Configuration of optimal on-chip oscillator
transconductance by mask
• On-chip oscillator clock frequency: 1 to 10 MHz
• Power-on-reset and low-voltage detector
• Low standby voltage and current in Idle and Stop modes
• Single power supply: 4.5 to 5.5 V
• Operating temperature: −20 to +70 °C.
1.2
VST and OSD derivative
• 6 kbytes (PCA84C646) or 8 kbytes (PCA84C846)
system ROM, 192 bytes system RAM
• A multi-master I2C-bus interface
• One 14-bit PWM output for VST
• Three AFC inputs with 4-bit DAC and comparator
• Four 6-bit PWM and four 7-bit PWM outputs
(DACs for analog controls)
• Eight port lines with 10 mA LED drive
(at
≤1.2 V) capability
• Programmable active level polarities of VSYNC/HSYNC
• Display RAM: 64 × 10-bit
• Display character fonts: 64 (62 customized + 2 special
reserved codes)
• Display starting position: 64 different positions by
software control, both vertical and horizontal
• Character size: 4 different character sizes, line-by-line
basis, 1 dot = 1H/1V, 2H/2V, 3H/3V, 4H/4V. (H: OSD
clock period, V: number of horizontal scan line height)
• Character matrix: 12 × 18 with no spacing between
characters
• Foreground colours: 8, character-by-character basis
• Background colours: 8, word-by-word basis. Available
when background is either in North-west shadowing,
Box shadowing and Frame shadowing mode
• Background/shadowing modes: 4, No background,
North-west shadowing, Box shadowing, Frame
shadowing (raster blanking), frame basis
• On-chip oscillator for On Screen Display (OSD) function
• Character blinking rate: 1 : 1, 1 : 3, 3 : 1 (frequency:
1
⁄16, 1⁄32, 1⁄64 or 1⁄128 of fVSYNC, programmable),
character basis
• Display format: flexible display format by using Carriage
Return (CR) code
• Spacing between lines: 4 different choices,
from 0, 4, 8 or 12 horizontal scan lines
• Auto display character RAM address post increment
when writing data
• On-chip Power-on-reset
• VSYNC leading edge can generate interrupt
(programmable enable/disable by software)
• 8-bit counter triggered by external pulse input.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com