Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCA8514P Datasheet(PDF) 22 Page - NXP Semiconductors

Part # PCA8514P
Description  Stand-alone OSD
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA8514P Datasheet(HTML) 22 Page - NXP Semiconductors

Back Button PCA8514P Datasheet HTML 18Page - NXP Semiconductors PCA8514P Datasheet HTML 19Page - NXP Semiconductors PCA8514P Datasheet HTML 20Page - NXP Semiconductors PCA8514P Datasheet HTML 21Page - NXP Semiconductors PCA8514P Datasheet HTML 22Page - NXP Semiconductors PCA8514P Datasheet HTML 23Page - NXP Semiconductors PCA8514P Datasheet HTML 24Page - NXP Semiconductors PCA8514P Datasheet HTML 25Page - NXP Semiconductors PCA8514P Datasheet HTML 26Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 64 page
background image
1995 Nov 27
22
Philips Semiconductors
Product specification
Stand-alone OSD
PCA8514
9.9
Command 8
Table 26 Command 8 format
Command 8 loads Control Register 2 with data that
selects the input polarity of HSYNC and VSYNC (see
Fig.14) and also selects the Display modes.
Table 27 Selection of input polarity of HSYNC/VSYNC
Table 28 Selection of Display Mode
BS1 BS0
76543210
0
1
0101
Hp
Vp
S1
S0
Hp/Vp
INPUT POLARITY
0
active LOW (the default setting)
1
active HIGH
S1
S0
DISPLAY MODE
0
0
Mode 0: this is the No background mode.
The OSD characters are superimposed on
the TV video signals (see Fig.15).
0
1
Mode 1: this is the North-West shadowing
mode; available only with character sizes
2V/2H or 4V/4H. The shadows are
generated as if a light source was placed
North-West of the character (see
Figs 16 to 18). The shadows generated lie
within 18 rows in a vertical direction but can
be extended by one bit to the next
characters first column, in a horizontal
direction (see Figs 19 and 20).
1
0
Mode 2: this is the Box shadowing mode. A
background dot matrix of 12
× 18 bits
surrounds the character font; see
Figs 21 and 22.
1
1
Mode 3: this is the Frame shadowing
(raster blanking) mode. A background
colour fills the whole screen when no bit
patterns are being displayed (see Fig.23).
1 of 16 background colours can be selected
using Command F; the default background
colour is Blue.
9.10
Command 9
Table 29 Command 9 format
This command loads Control Register 3 with data that
controls both the character blinking frequency and the
active ratio of the character blinking frequency.
Figures 25 to 29 show how blinking influences the display
in different display modes.
Table 30 Selection of Blinking frequency
Table 31 Selection of active ratio of character blinking
BS1 BS0
7654
3210
0
1
0110
BF1
BF0
BR1
BR0
BF1 BF0
BLINKING FREQUENCY (Hz)
00
; this is the default setting
01
10
11
BR1 BR0
ACTIVE RATIO
0
0
3 : 1 (the default setting)
0
1
1:1
1
0
1:3
1
1
reserved
f
VSYNC
16
-----------------
f
VSYNC
32
-----------------
f
VSYNC
64
-----------------
f
VSYNC
128
-----------------



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com