Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCA8515 Datasheet(PDF) 13 Page - NXP Semiconductors

Part # PCA8515
Description  Stand-alone OSD
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA8515 Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button PCA8515 Datasheet HTML 9Page - NXP Semiconductors PCA8515 Datasheet HTML 10Page - NXP Semiconductors PCA8515 Datasheet HTML 11Page - NXP Semiconductors PCA8515 Datasheet HTML 12Page - NXP Semiconductors PCA8515 Datasheet HTML 13Page - NXP Semiconductors PCA8515 Datasheet HTML 14Page - NXP Semiconductors PCA8515 Datasheet HTML 15Page - NXP Semiconductors PCA8515 Datasheet HTML 16Page - NXP Semiconductors PCA8515 Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 64 page
background image
1995 Jan 19
13
Philips Semiconductors
Preliminary specification
Stand-alone OSD
PCA8515
Fig.9 Example of ACM signal for use in camrecorder applications.
handbook, full pagewidth
Made by MOS IC TAIWAN, PHILIPS
Battery Status : OK
Shutter speed : 500
Focal Length : 28 mm
In this example, all the characters are displayed on the viewfinder.
As only the data 'Date : July 15, 1994' is to be recorded onto the tape,
only these characters' ACM attribute bit is set to a logic 1.
PHILIPS
MRA831
Date : July 15, 1994



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com