| Electronic Components Datasheet Search |
|
PCA8521 Datasheet(PDF) 6 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCA8521 Datasheet(HTML) 6 Page - NXP Semiconductors |
|
6 / 20 page ![]() 1999 Jun 15 6 Philips Semiconductors Product specification Infrared remote control transmitter RC5 PCA8521 FUNCTIONAL DESCRIPTION Key numbering for the matrix is given in Tables 1 and 2. Table 1 Key numbering for 16-pin package Table 2 Key numbering for 20-pin package DRIVER LINES SENSE LINES SN0 SN1 SN2 SN3 SN4 SN5 DR0 012345 DR1 8 9 10 11 12 13 DR2 16 17 18 19 20 21 DR3 24 25 26 27 28 29 DR4 32 33 34 35 36 37 DRIVER LINES SENSE LINES SN0 SN1 SN2 SN3 SN4 SN5 SN6 SN7 DR0 01234567 DR1 8 9 10 11 12 13 14 15 DR2 16 17 18 19 20 21 22 23 DR3 24 25 26 27 28 29 30 31 DR4 32 33 34 35 36 37 38 39 DR5 40 41 42 43 44 45 46 47 DR6 48 49 50 51 52 53 54 55 When the keys have been scanned the key-number of the activated key serves as the address of the ROM to obtain the required code-word. When a 16-pin IC is used the following sense lines and driver lines will not be connected; SN6, SN7, DR5 and DR6. Consequently, key numbers 6, 7, 14, 15, 22, 23, 30, 31, 38, 39 and 40 to 55 will not be addressed. The ROM contains 8 banks of 64 code-words. Thus for each key a maximum of 8 different code-words may be generated. With multi-system use, 8 different systems (e.g. TV, VCR, tuner, CD etc.) may be selected. Apart from the system bits the command bits may also be different in different banks (true multi-function keys). Selection can be performed using the keys. For each key three bank select bits are present that determine which bank will be selected for the next key. For each key an ‘inhibit’ bit is also present. When this bit is at logic 1 at an address in a given bank, and when the corresponding key is pressed (when this bank has been selected) no transmission will take place. A single system option is available however, whereby instead of keys a jumper wire and/or a switch may be used for bank selection. Using this option it is possible to program different transmitter models in one IC and select the required bank by means of a jumper wire. Instead of a jumper wire a side-switch may also be used to change the generated code temporarily (select different bank) to obtain multi-function keys. With this option the jumper wires or switch must be connected between sense line SN0 and one of the drive lines DR0 to DR6 or ground. This means that SN0 cannot be used to connect keys and the maximum number of keys will be 25 keys for a 16-pin package and 49 keys for a 20-pin package. It is not possible to use a combination of jumper wires and selection keys for bank selection in one unit. The output of the ROM is loaded into a shift register that provides the input bits for the pulse generator. This pulse generator drives the output pin. |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |