Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCA8550 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PCA8550
Description  4-bit multiplexed/1-bit latched 5-bit I2C EEPROM
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA8550 Datasheet(HTML) 2 Page - NXP Semiconductors

  PCA8550 Datasheet HTML 1Page - NXP Semiconductors PCA8550 Datasheet HTML 2Page - NXP Semiconductors PCA8550 Datasheet HTML 3Page - NXP Semiconductors PCA8550 Datasheet HTML 4Page - NXP Semiconductors PCA8550 Datasheet HTML 5Page - NXP Semiconductors PCA8550 Datasheet HTML 6Page - NXP Semiconductors PCA8550 Datasheet HTML 7Page - NXP Semiconductors PCA8550 Datasheet HTML 8Page - NXP Semiconductors PCA8550 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Philips Semiconductors
Product specification
PCA8550
4-bit multiplexed/1-bit latched 5-bit I2C EEPROM
2
1998 Sep 29
853-2015 20105
FEATURES
•4-bit 2-to-1 multiplexer, 1-bit latch
•5-bit internal non-volatile register
•Override input forces all outputs to logic 0
•Internal non-volatile register write/readable via I2C bus
•Write-protect pin enables/disables I2C writes to register
•2.5V multiplexed outputs
•3.3V non-multiplexed output (latched)
•5V tolerant inputs
•Useful for ’jumperless’ configuration of PC motherboards
•Designed for use in Pentium Pro/Pentium II™ systems
Pentium II is a registered trademark of Intel Corporation
DESCRIPTION
The primary function of the 4-bit 2-to-1 I2C multiplexer is to select
either a 4-bit input or data from a non-volatile register and drive this
value onto the output pins. One additional non-multiplexed register
output is also provided. The non-multiplexed output is latched to
prevent output value changes during I2C writes to the non-volatile
register. A write protect input is provided to enable/disable the ability
to write to the non-volatile register. An ‘‘override” input feature forces
all outputs to logic 0.
PIN CONFIGURATION
I
2C SCL
I2C SDA
OVERRIDE#
MUX_IN A
GND
VCC
WP
NON_MUXED_OUT
1
16
2
15
3
14
4
13
5
12
6
11
7
10
8
9
MUX_IN B
MUX_IN C
MUX_IN D
MUX_SELECT
MUX_OUT A
MUX_OUT B
MUX_OUT C
MUX_OUT D
SW00216
ORDERING INFORMATION
PACKAGES
TEMPERATURE RANGE
OUTSIDE NORTH AMERICA
NORTH AMERICA
DRAWING NUMBER
16-Pin Plastic SO
0
°C to +70°C
PCA8550D
PCA8550D
SOT109-1
16-Pin Plastic SSOP
0
°C to +70°C
PCA8550DB
PCA8550DB
SOT338-1
16-Pin Plastic TSSOP
0
°C to +70°C
PCA8550PW
PCA8550PW DH
SOT403-1
FUNCTIONAL DESCRIPTION
When the MUX_SELECT signal is logic 0, the multiplexer will select
the data from the non-volatile register to drive on the MUX_OUT
pins. When the MUX_SELECT signal is logic 1, the multiplexer will
select the MUX_IN lines to drive on the MUX_OUT pins. The
MUX_SELECT signal is also used to latch the NON_MUXED_OUT
signal which outputs data from the non-volatile register. The
NON_MUXED_OUT signal latch is transparent when MUX_SELECT
is in a logic 0 state, and will latch data when MUX_SELECT is in a
logic 1 state. When the active-LOW OVERRIDE# signal is set to
logic 0 and the MUX_SELECT signal is at a logic 0, all outputs will
be driven to logic 0. This information is summarized in Table 1.
The write protect (WP) input is used to control the ability to write the
contents of the 5-bit non-volatile register. If the WP signal is logic 0,
the I2C bus will be able to write the contents of the non-volatile
register. If the WP signal is logic 1, data will not be allowed to be
written into the non-volatile register.
The factory default for the contents of the non-volatile register are all
logic 0. These stored values can be read or written using the I2C
bus (described in the next section).
The OVERRIDE#, WP, MUX_IN, and MUX_SELECT signals have
internal pullup resistors. See the DC and AC Characteristics for
hysteresis and signal spike suppression figures.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com